Electronic Components Datasheet Search
  English  ▼

X  

4553 Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 137Page - Renesas Technology Corp 4553 Datasheet HTML 138Page - Renesas Technology Corp 4553 Datasheet HTML 139Page - Renesas Technology Corp 4553 Datasheet HTML 140Page - Renesas Technology Corp 4553 Datasheet HTML 141Page - Renesas Technology Corp 4553 Datasheet HTML 142Page - Renesas Technology Corp 4553 Datasheet HTML 143Page - Renesas Technology Corp 4553 Datasheet HTML 144Page - Renesas Technology Corp 4553 Datasheet HTML 145Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 143 / 145 page
background image
REVISION HISTORY
Rev.
Date
Description
Page
Summary
4553 Group Data Sheet
1.00 Jul. 23, 2003
1.01 Sep. 17, 2003
2.00 Feb. 24, 2004
First edition issued
Voltage drop detection circuit (only in H version) revised.
Table 15 revised.
Timer functions, Timer control registers, Port level, and Notes 6 and 7)
19 Voltage drop detection circuit (only in H version) revised.
Fig.57 revised.
FEATURES:
q Minimum instruction execution time: time for One Time PROM version added.
q Supply voltage of One Time PROM version revised.
PERFORMANCE OVERVIEW:
Minimum instruction execution time: time for One Time PROM version added.
Supply voltage of One Time PROM version revised.
Power dissipation: Values only for Mask ROM version are listed.
Table 9: Timer 3; Count source and Use of output signal revised.
(1) Power-on reset : “(only for H version)” eliminated.
Description revised.
Fig.37: “(only for H version)” added to Voltage drop detection circuit.
Fig.40: Note revised.
ROM ORDERING METHOD revised.
Note on 18 Power-on reset : revised.
ELECTRICAL CHARACTERISTICS revised.
The table is separated to Mask ROM version and One Time PROM version.
Supply voltage and supply current revised mainly.
Note 6 is added to VOLTAGE DTOP DETECTION CIRCUIT CHARACTERISTICS.
–
50
51
61
128
1
4
29
48
50
58
61
120 to 132
3.00 Jul. 09, 2004
Words standardized: On-chip oscillator
____________
Description of RESET pin revised.
Fig.23: Note added.
Some description revised.
Fig.28: "DI" instruction added.
(5) LCD power supply circuit
q Internal dividing resistor revised.
Fig.34 d): “VLC3, VLC2, VLC1” added.
Fig.35, Fig.36: Count revised.
Fig.38: State of quartz-crystal oscillator added.
Note on Power Source Voltage added.
RECOMMENDED OPERATING CONDITIONS 1
VDD (RC oscillation)
Max.: 3.6
All pages
5
31
39
40
46
47
49
61
128
(1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com