Electronic Components Datasheet Search
  English  ▼

X  

7546 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 7546
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7546 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 7546 Datasheet HTML 4Page - Renesas Technology Corp 7546 Datasheet HTML 5Page - Renesas Technology Corp 7546 Datasheet HTML 6Page - Renesas Technology Corp 7546 Datasheet HTML 7Page - Renesas Technology Corp 7546 Datasheet HTML 8Page - Renesas Technology Corp 7546 Datasheet HTML 9Page - Renesas Technology Corp 7546 Datasheet HTML 10Page - Renesas Technology Corp 7546 Datasheet HTML 11Page - Renesas Technology Corp 7546 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 95 page
background image
7546 Group
Rev.1.21
Nov 15, 2006
page 8 of 93
REJ03B0160-0121
PIN DESCRIPTION
Table 2 Pin description
Function
Apply voltage of 1.8 to 5.5 V to Vcc, and 0 V to Vss.
•Reference voltage input pin for A/D converter.
•Chip operating mode control pin, which is always connected to Vss.
•Reset input pin for active “L”
•Input and output pins for main clock generating circuit.
•Connect a ceramic resonator or quartz crystal oscillator between the XIN and XOUT pins.
•For using RC oscillator, short between the XIN and XOUT pins, and connect the capacitor and resistor.
•If an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin open.
•When the on-chip oscillator is selected as the main clock, connect XIN pin to VCC and leave XOUT open.
Function expect a port function
Name
Power source
Analog refer-
ence voltage
CNVss
Reset input
Clock input
I/O port P0
I/O port P1
I/O port P2
I/O port P3
Pin
Vcc, Vss
VREF
CNVss
RESET
XIN
P00(LED00)/CAP0
P01(LED01)/CMP0
P02(LED02)/CMP1
P03(LED03)/TXOUT
P04(LED04)/RxD2
P05(LED05)/TxD2
P06(LED06)/SCLK2
P07(LED07)/SRDY2
P10/RxD1/CAP0
P11/TxD1
P12/SCLK1
P13/SRDY1
P14/CNTR0
P20/AN0–P25/AN5
P30(LED10)/CAP1
P31(LED11)/CMP2
P32(LED12)/CMP3
P33(LED13)/INT1
P34(LED14)
P37(LED17)/INT0
• Capture function pin
• Compare function pin
• Timer X function pin
• Serial I/O2 function pin
• Serial I/O1 function pin
• Capture function pin
• Serial I/O1 function pin
• Timer X function pin
• Input pins for A/D converter
• Capture function pin
• Compare function pin
• Interrupt input pin
• Interrupt input pin
•8-bit I/O port.
•I/O direction register allows each pin to be individually pro-
grammed as either input or output.
•CMOS compatible input level
•CMOS 3-state output structure
•Whether a built-in pull-up resistor is to be used or not can be
determined by program.
• High drive capacity for LED drive port can be selected by program.
•5-bit I/O port
•I/O direction register allows each pin to be individually pro-
grammed as either input or output.
•CMOS compatible input level
•CMOS 3-state output structure
•CMOS/TTL level can be switched for P10, P12 and P13
•6-bit I/O port having almost the same function as P0
•CMOS compatible input level
•CMOS 3-state output structure
•6-bit I/O port
•I/O direction register allows each pin to be individually pro-
grammed as either input or output.
•CMOS compatible input level (CMOS/TTL level can be switched
for P37).
•CMOS 3-state output structure
•Whether a built-in pull-up resistor is to be used or not can be
determined by program.
• High drive capacity for LED drive port can be selected by program.
XOUT
Clock output
• Key-input
(key-on
wake up
interrupt
input) pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com