Electronic Components Datasheet Search
  English  ▼

X  

7546 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 7546
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7546 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 7546 Datasheet HTML 10Page - Renesas Technology Corp 7546 Datasheet HTML 11Page - Renesas Technology Corp 7546 Datasheet HTML 12Page - Renesas Technology Corp 7546 Datasheet HTML 13Page - Renesas Technology Corp 7546 Datasheet HTML 14Page - Renesas Technology Corp 7546 Datasheet HTML 15Page - Renesas Technology Corp 7546 Datasheet HTML 16Page - Renesas Technology Corp 7546 Datasheet HTML 17Page - Renesas Technology Corp 7546 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 95 page
background image
7546 Group
Rev.1.21
Nov 15, 2006
page 14 of 93
REJ03B0160-0121
[CPU mode register] CPUM
The CPU mode register contains the stack page selection bit, etc..
This register is allocated at address 003B16.
Some function of the CPU mode register can be controlled by the
function set ROM data 2.
Fig. 12 Switching method of CPU mode register
Fig. 11 Structure of CPU mode register
Oscillation mode selection bit (Note 1, Note 4)
0 : Ceramic oscillation
1 : RC oscillation
CPU mode register (Note 1)
(CPUM: address 003B16, initial value: 8016)
Stack page selection bit
0 : 0 page
1 : 1 page
Clock division ratio selection bits
b7 b6
0
0 : f(
φ) = f(XIN)/2 (High-speed mode)
0
1 : f(
φ) = f(XIN)/8 (Middle-speed mode)
1
0 : applied from on-chip oscillator
1
1 : f(
φ) = f(XIN)/1 (Double-speed mode)(Note 5)
On-chip oscillator oscillation control bit (Note 3)
0 : On-chip oscillator oscillation enabled
1 : On-chip oscillator oscillation stop
XIN oscillation control bit
0 : Ceramic or RC oscillation enabled
1 : Ceramic or RC oscillation stop
Processor mode bits
b1 b0
0
0 Single-chip mode
0
1 Not available
1
0 Not available
1
1 Not available
Note 1: When the setting by the function set ROM data 2 (FSROM2) is performed, the initial value of CPUM is changed
after releasing reset since bit 5 of CPUM is fixed.
2: The setting values of FSROM2 become valid by setting “0” to bit 0 of function set ROM data 0 (FSROM0).
The setting values of FSROM2 are invalid by setting “1” to this bit.
(In order that FSROM2 is invalid, write to CPUM after releasing reset.)
3: When bit 4 of FSROM2 is set to “0”, the operation of on-chip oscillator cannot be stopped.
Since the on-chip oscillator is not stopped also in the stop mode, the dissipation current in the stop mode is increased.
4: The setting value of bit 5 of CPUM can be fixed after releasing reset by setting value of bit 5 of FSROM2.
Also, when the setting of FSROM2 is invalid, this bit can be rewritten only once after releasing reset.
After rewriting it is disable to write any data to this bit.
This bit is initialized by reset, and then, rewriting it is enabled.
5: This setting can be used only at ceramic oscillation. Do not use this at RC oscillation.
b7
b0
Control by Function set ROM data 2
(FSROM2: address FFDA16) (Note 2)
This bit function can be set by setting bit 5 of FSROM2. (Note 4)
Bit 5 of FSROM2 = 0: Bit 5 of CPUM is fixed to “0”.
Bit 5 of FSROM2 = 1: Bit 5 of CPUM is “0” or “1”.
This cannot be controlled by FSROM2.
This cannot be controlled by FSROM2.
This bit function can be set by setting bit 4 of FSROM2. (Note 3)
Bit 4 of FSROM2 = 0: Bit 3 of CPUM is fixed to “0”.
Bit 4 of FSROM2 = 1: Bit 3 of CPUM is “0” or “1”.
This cannot be controlled by FSROM2.
This cannot be controlled by FSROM2.
After releasing reset
Switch the oscillation mode
selection bit (bit 5 of CPUM)
Switch the clock division ratio
selection bits (bits 6 and 7 of CPUM)
Main routine
Start with an on-chip oscillator
An initial value is set as a ceramic oscillation mode.
When it is switched to an RC oscillation, its oscillation starts.
Select 1/1, 1/2, 1/8 or on-chip oscillator.
Wait by on-chip oscillator operation
until establishment of oscillator clock
When using a ceramic oscillation, wait until establlishment of
oscillation from oscillation starts.
When using an RC oscillation, wait time is not required
basically (time to execute the instruction to switch from an
on-chip oscillator meets the requirement).
Note: After system is released from reset, an on-chip oscillator turns active automatically and system operation
is started.
Switching method of CPU mode register
Switch the CPU mode register (CPUM) at the head of program af-
ter releasing Reset in the following method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com