Electronic Components Datasheet Search
  English  ▼

X  

7546 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # 7546
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7546 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button 7546 Datasheet HTML 79Page - Renesas Technology Corp 7546 Datasheet HTML 80Page - Renesas Technology Corp 7546 Datasheet HTML 81Page - Renesas Technology Corp 7546 Datasheet HTML 82Page - Renesas Technology Corp 7546 Datasheet HTML 83Page - Renesas Technology Corp 7546 Datasheet HTML 84Page - Renesas Technology Corp 7546 Datasheet HTML 85Page - Renesas Technology Corp 7546 Datasheet HTML 86Page - Renesas Technology Corp 7546 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 95 page
background image
Rev.1.21
Nov 15, 2006
page 83 of 93
REJ03B0160-0121
7546 Group
Previous Code
JEITA Package Code
RENESAS Code
PWQN0036KA-A
36PJW-A
MASS[Typ.]
0.07g
P-HWQFN36-6x6-0.50
0.7
0.6
0.5
0.25
0.2
0.15
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
6.1
6.0
5.9
D
6.1
6.0
5.9
E
0.75
A2
0.8
A
0.05
0
0
4.26
E1
Lp
0.5
e
0.05
x
A1
bp
y0.05
D2
4.26
Detail F
9
19
27
1
10
36
18
28
9
19
27
1
10
36
18
28
F
x
y
D
bp
Lp
D2
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com