Electronic Components Datasheet Search
  English  ▼

X  

7546 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # 7546
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7546 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button 7546 Datasheet HTML 81Page - Renesas Technology Corp 7546 Datasheet HTML 82Page - Renesas Technology Corp 7546 Datasheet HTML 83Page - Renesas Technology Corp 7546 Datasheet HTML 84Page - Renesas Technology Corp 7546 Datasheet HTML 85Page - Renesas Technology Corp 7546 Datasheet HTML 86Page - Renesas Technology Corp 7546 Datasheet HTML 87Page - Renesas Technology Corp 7546 Datasheet HTML 88Page - Renesas Technology Corp 7546 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 95 page
background image
Rev.1.21
Nov 15, 2006
page 85 of 93
REJ03B0160-0121
7546 Group
NOTES ON PERIPHERAL FUNCTIONS
Notes on I/O Ports
1.Port direction register
• Set bits 6 and 7 of port P2 direction register to “1”.
• Set bits 5 and 6 of port P3 direction register to “1”.
2.Interrupt edge selection register
Set bit 2 of interrupt edge selection register to “1”.
3.Be sure to set bit 1 of port P1P3 control register (address 1716)
to “0”.
4. Port P0P3 drive capacity control register
The number of LED drive port (drive capacity is HIGH) is 8.
5. Pull-up control register
When using each port which built in pull-up resistor as an output
port, the pull-up control bit of corresponding port becomes invalid,
and pull-up resistor is not connected.
<Reason>
Pull-up control is effective only when each direction register is set
to the input mode.
6. Notes in stand-by state
In stand-by state*1 for low-power dissipation, do not make input
levels of an input port and an I/O port “undefined”.
Pull-up (connect the port to Vcc) or pull-down (connect the port to
Vss) these ports through a resistor.
When determining a resistance value, note the following points:
• External circuit
• Variation of output levels during the ordinary operation
When using a built-in pull-up resistor, note on varied current val-
ues:
• When setting as an input port : Fix its input level
• When setting as an output port : Prevent current from flowing out
to external.
<Reason>
The output transistor becomes the OFF state, which causes the
ports to be the high-impedance state. Note that the level becomes
“undefined” depending on external circuits.
Accordingly, the potential which is input to the input buffer in a mi-
crocomputer is unstable in the state that input levels of an input
port and an I/O port are “undefined”. This may cause power
source current.
*1 stand-by state : the stop mode by executing the STP instruction
the wait mode by executing the WIT instruction
7. Modifying output data with bit managing instruction
When the port latch of an I/O port is modified with the bit manag-
ing instruction*2, the value of the unspecified bit may be changed.
<Reason>
The bit managing instructions are read-modify-write form instruc-
tions for reading and writing data by a byte unit. Accordingly, when
these instructions are executed on a bit of the port latch of an I/O
port, the following is executed to all bits of the port latch.
• As for a bit which is set for an input port :
The pin state is read in the CPU, and is written to this bit after bit
managing.
• As for a bit which is set for an output port :
The bit value of the port latch is read in the CPU, and is written to
this bit after bit managing.
Note the following :
• Even when a port which is set as an output port is changed for
an input port, its port latch holds the output data.
• As for a bit of the port latch which is set for an input port, its
value may be changed even when not specified with a bit man-
aging instruction in case where the pin state differs from its port
latch contents.
*2 bit managing instructions : SEB, and CLB instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com