Electronic Components Datasheet Search
  English  ▼

X  

7546 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 7546
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7546 Datasheet(HTML) 1 Page - Renesas Technology Corp

  7546 Datasheet HTML 1Page - Renesas Technology Corp 7546 Datasheet HTML 2Page - Renesas Technology Corp 7546 Datasheet HTML 3Page - Renesas Technology Corp 7546 Datasheet HTML 4Page - Renesas Technology Corp 7546 Datasheet HTML 5Page - Renesas Technology Corp 7546 Datasheet HTML 6Page - Renesas Technology Corp 7546 Datasheet HTML 7Page - Renesas Technology Corp 7546 Datasheet HTML 8Page - Renesas Technology Corp 7546 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 95 page
background image
DESCRIPTION
The 7546 Group is the QzROM version of 7542 Group.
The 7546 Group has the pin-compatibilty with the 7542 Group. As
new functions, the power-on reset, the low voltage detection cir-
cuit, and the function set ROM are added.
FEATURES
•
Basic machine-language instructions ...................................... 71
•
The minimum instruction execution time ............................. 0.25
µs
(at 8 MHz oscillation frequency, double-speed mode for the
shortest instruction)
•
Memory size
ROM ................................ 8K, 16K bytes
RAM ............................... 384, 512 bytes
•
Programmable I/O ports ........................................................... 25
•
Interrupts ................................................. 18 sources, 16 vectors
•
Timers ............................................................................. 8-bit ✕ 2
...................................................................................... 16-bit ✕ 2
• Output compare ............................................................ 4-channel
• Input capture ................................................................ 2-channel
•
Serial interface ............ 8-bit ✕ 2 (UART or Clock-synchronized)
•
A/D converter ............................................... 10-bit ✕ 6 channels
•
Clock generating circuit ............................................. Built-in type
(low-power dissipation by an on-chip oscillator)
(connected to external ceramic resonator or quartz-crystal
oscillator permitting RC oscillation)
•
Watchdog timer ............................................................ 16-bit ✕ 1
•
Power-on reset circuit ............................................... Built-in type
•
Low voltage detection circuit ..................................... Built-in type
•
Power source voltage
XIN oscillation frequency at ceramic oscillation, in double-speed mode
At 8 MHz .................................................................... 4.5 to 5.5 V
At 6.5 MHz ................................................................. 4.0 to 5.5 V
At 2 MHz .................................................................... 2.4 to 5.5 V
At 1 MHz .................................................................... 2.2 to 5.5 V
XIN oscillation frequency at ceramic oscillation, in high-speed
mode or middle-speed mode
At 8 MHz .................................................................... 4.0 to 5.5 V
At 4 MHz .................................................................... 2.4 to 5.5 V
At 2 MHz .................................................................... 2.2 to 5.5 V
XIN oscillation frequency at RC oscillation in high-speed mode or
middle-speed mode
At 4 MHz .................................................................... 4.0 to 5.5 V
At 2 MHz .................................................................... 2.4 to 5.5 V
At 1 MHz .................................................................... 2.2 to 5.5 V
XIN oscillation frequency at on-chip oscillation ......... 1.8 to 5.5 V
•
Power dissipation ................................................ 29.5 mW (Typ.)
•
Operating temperature range ................................... –20 to 85 °C
Rev.1.21
Nov 15, 2006
page 1 of 93
REJ03B0160-0121
7546 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
REJ03B0160-0121
Rev.1.21
Nov 15, 2006


Similar Part No. - 7546

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
7546 COOPER-7546 Datasheet
3Mb / 81P
Locking Devices
logo
Texas Instruments
75460 TI-75460 Datasheet
557Kb / 10P
PERIPHERAL DRIVERS FOR HIGH-VOLTAGE HIGH-CURRENT DRIVER APPLICATIONS
logo
Molex Electronics Ltd.
75460-0001 MOLEX-75460-0001 Datasheet
141Kb / 2P
0.80mm (.031?? Pitch SFP Stacked Multi-Port Connectors
75462-0001 MOLEX-75462-0001 Datasheet
141Kb / 2P
0.80mm (.031?? Pitch SFP Stacked Multi-Port Connectors
75462-5001 MOLEX9-75462-5001 Datasheet
268Kb / 3P
Small Form-factor Pluggable (SFP) Stacked 2-by-1 Multi-Port Connector with Press-fitPC Tails, 40 Circuits, Lead Free
More results

Similar Description - 7546

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com