Electronic Components Datasheet Search
  English  ▼

X  

7546 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 7546
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7546 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 7546 Datasheet HTML 5Page - Renesas Technology Corp 7546 Datasheet HTML 6Page - Renesas Technology Corp 7546 Datasheet HTML 7Page - Renesas Technology Corp 7546 Datasheet HTML 8Page - Renesas Technology Corp 7546 Datasheet HTML 9Page - Renesas Technology Corp 7546 Datasheet HTML 10Page - Renesas Technology Corp 7546 Datasheet HTML 11Page - Renesas Technology Corp 7546 Datasheet HTML 12Page - Renesas Technology Corp 7546 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 95 page
background image
Rev.1.21
Nov 15, 2006
page 9 of 93
REJ03B0160-0121
7546 Group
GROUP EXPANSION
Renesas plans to expand the 7546 Group as follow:
Memory type
Support for QzROM
Memory size
ROM size ............................................................. 8 K to 16 K bytes
RAM size .............................................................. 384 to 512 bytes
Package
PRDP0032BA-A .................................. 32-pin plastic molded SDIP
PLQP0032GB-A .......... 0.8 mm-pitch 32-pin plastic molded LQFP
PWQN0036KA-A ........ 0.5 mm-pitch 36-pin plastic molded WQFN
Fig. 7 Memory expansion plan
384
512
16K
0
M37546G4
8K
M37546G2
ROM size
(bytes)
RAM size
(bytes)
Note: Products under development...the development schedule and
specification may be revised without notice.
**: Under development
Currently supported products are listed below.
Table 3 List of supported products
RAM size
(bytes)
Shipped after writing
Shipped in blank
Shipped after writing
Shipped in blank
M37546G2-XXXGP
M37546G2-XXXHP
M37546G2-XXXSP
M37546G2GP
M37546G2HP
M37546G2SP
M37546G4-XXXGP
M37546G4-XXXHP
M37546G4-XXXSP
M37546G4GP
M37546G4HP
M37546G4SP
Product
ROM size (bytes)
ROM size for User ( )
384
512
Remarks
Package
PLQP0032GB-A
PWQN0036KA-A
PRDP0032BA-A
PLQP0032GB-A
PWQN0036KA-A
PRDP0032BA-A
PLQP0032GB-A
PWQN0036KA-A
PRDP0032BA-A
PLQP0032GB-A
PWQN0036KA-A
PRDP0032BA-A
(Note)
8192
(8062)
(Note)
16384
(16254)
Note : ROM size includes the function set ROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com