Electronic Components Datasheet Search
  English  ▼

X  

M30201 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M30201
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30201 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M30201 Datasheet HTML 4Page - Renesas Technology Corp M30201 Datasheet HTML 5Page - Renesas Technology Corp M30201 Datasheet HTML 6Page - Renesas Technology Corp M30201 Datasheet HTML 7Page - Renesas Technology Corp M30201 Datasheet HTML 8Page - Renesas Technology Corp M30201 Datasheet HTML 9Page - Renesas Technology Corp M30201 Datasheet HTML 10Page - Renesas Technology Corp M30201 Datasheet HTML 11Page - Renesas Technology Corp M30201 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 172 page
background image
Pin Description
Mitsubishi microcomputers
M30201 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
7
VCC, VSS
CNVSS
XIN
XOUT
AVCC
AVSS
VREF
P00 to P07
P10 to P17
P30 to P35
P40 to P45
Signal name
Power supply
input
CNVSS
Reset input
Clock input
Clock output
Analog power
supply input
Reference
voltage input
I/O port P0
I/O port P1
I/O port P3
I/O port P4
Supply 2.7 to 5.5 V to the VCC pin. Supply 0 V to the VSS pin.
Function
Connect it to the VSS pin.
A “L” on this input resets the microcomputer.
These pins are provided for the main clock generating circuit.
Connect a ceramic resonator or crystal between the XIN and the
XOUT pins. To use an externally derived clock, input it to the
XIN pin and leave the XOUT pin open.
This pin is a power supply input for the A-D converter. Connect
it to VCC.
This pin is a power supply input for the A-D converter. Connect
it to VSS.
This pin is a reference voltage input for the A-D converter.
This is an 8-bit CMOS I/O port. It has an input/output port
direction register that allows the user to set each pin for input or
output individually. When set for input, the user can specify in
units of four bits via software whether or not they are tied to a
pull-up resistor.
This is an 8-bit I/O port equivalent to P0.
This is a 6-bit I/O port equivalent to P0.
This is a 6-bit I/O port equivalent to P0. The P40 pin is shared
with timer A0 input and serial I/O output TxD1. The P41 pin is
shared with timer A0 output. The P42 pin is shared with serial
I/O input RxD1. The P43 pin is shared with external interrupt
INT0 and timer X0 input/output TX0INOUT. The P44 pin is
shared with external interrupt INT1 and timer X1 input/output
TX1INOUT. The P45 pin is shared with timer X2 input/output
TX2INOUT.
Pin name
Input
Input
Input
Output
Input
Input/output
Input/output
I/O type
Analog power
supply input
Input/output
Input/output
RESET
I/O port P5
Input/output
Input/output
Input/output
I/O port P6
I/O port P7
P50 to P54
P60 to P67
P70 to P71
This is a 5-bit I/O port equivalent to P0. The P50, P51, P52, and
P53 pins are shared with serial I/O pins TxD0, RxD0, CLK0,
and CLKS. The P54 pin is shared with clock output CLKOUT.
Also, these pins are shared with analog input pins AN50
through AN54.
This is an 8-bit I/O port equivalent to P0. These pins are shared
with analog input pins AN0 through AN7.
This is a 2-bit I/O port equivalent to P0 . These pins are used
for input/output to and from the oscillator circuit for the clock.
Connect a crystal oscillator between the XCIN and the XCOUT
pins.
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com