Electronic Components Datasheet Search
  English  ▼

X  

M30201 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # M30201
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30201 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button M30201 Datasheet HTML 78Page - Renesas Technology Corp M30201 Datasheet HTML 79Page - Renesas Technology Corp M30201 Datasheet HTML 80Page - Renesas Technology Corp M30201 Datasheet HTML 81Page - Renesas Technology Corp M30201 Datasheet HTML 82Page - Renesas Technology Corp M30201 Datasheet HTML 83Page - Renesas Technology Corp M30201 Datasheet HTML 84Page - Renesas Technology Corp M30201 Datasheet HTML 85Page - Renesas Technology Corp M30201 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 172 page
background image
Mitsubishi microcomputers
M30201 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Serial I/O
81
Figure 1.75. Typical transmit/receive timings in clock synchronous serial I/O mode
• Example of transmit timing (when internal clock is selected)
• Example of receive timing (when external clock is selected)
Clock synchronous serial I/O mode
Tc = TCLK = 2(n + 1) / fi
fi: frequency of BRG0 count source (f1, f8, f32, fc)
n: value set to BRG0
Transfer clock
Transmit enable
bit (TE)
Transmit buffer
empty flag (Tl)
CLK0
TxD0
Transmit
register empty
flag (TXEPT)
“0”
“1”
“0”
“1”
“0”
“1”
The above timing applies to the following settings:
• Internal clock is selected.
• CLK polarity select bit = “0”.
• Transmit interrupt cause select bit = “0”.
Transmit interrupt
request bit (IR)
“0”
“1”
1 / fEXT
Dummy data is set in UART0 transmit buffer register
Transmit enable
bit (TE)
Transmit buffer
empty flag (Tl)
CLK0
RxD0
Receive complete
flag (Rl)
“0”
“1”
“0”
“1”
“0”
“1”
Receive enable
bit (RE)
“0”
“1”
Receive data is taken in
Transferred from UART0 transmit buffer register to UART0 transmit register
Read out from UART0 receive buffer register
The above timing applies to the following settings:
• External clock is selected.
• CLK polarity select bit = “0”.
fEXT: frequency of external clock
Transferred from UART0 receive register
to UART0 receive buffer register
Receive interrupt
request bit (IR)
“0”
“1”
D0 D1 D2 D3
D4 D5
D6
D7
D0
D1 D2
D3 D4
D5
Shown in ( ) are bit symbols.
Meet the following conditions are met when the CLK
input before data reception = “H”
• Transmit enable bit
“1”
• Receive enable bit
“1”
• Dummy data write to UART0 transmit buffer register
Shown in ( ) are bit symbols.
Cleared to “0” when interrupt request is accepted, or cleared by software
Tc
TCLK
Stopped pulsing because transfer enable bit = “0”
Data is set in UART0 transmit buffer
register
Transferred from UART0 transmit buffer register to UART0
transmit register
Cleared to “0” when interrupt request is accepted, or cleared by software
D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6
D7
D0 D1 D2 D3 D4 D5 D6 D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com