Electronic Components Datasheet Search
  English  ▼

X  

M30201 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # M30201
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30201 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button M30201 Datasheet HTML 76Page - Renesas Technology Corp M30201 Datasheet HTML 77Page - Renesas Technology Corp M30201 Datasheet HTML 78Page - Renesas Technology Corp M30201 Datasheet HTML 79Page - Renesas Technology Corp M30201 Datasheet HTML 80Page - Renesas Technology Corp M30201 Datasheet HTML 81Page - Renesas Technology Corp M30201 Datasheet HTML 82Page - Renesas Technology Corp M30201 Datasheet HTML 83Page - Renesas Technology Corp M30201 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 172 page
background image
Mitsubishi microcomputers
M30201 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Serial I/O
79
(1) Clock synchronous serial I/O mode
The clock synchronous serial I/O mode uses a transfer clock to transmit and receive data. (See Table
1.25.) Figure 1.65 shows the UART0 transmit/receive mode register.
Table 1.25. Specifications of clock synchronous serial I/O mode
Specification
• Transfer data length: 8 bits
• When internal clock is selected (bit 3 at address 03A016 = “0”) : fi/ 2(n+1) (Note 1)
fi = f1, f8, f32, fc
• When external clock is selected (bit 3 at address 03A016 = “1”) : Input from CLK0 pin
• To start transmission, the following requirements must be met:
_ Transmit enable bit (bit 0 at address 03A516) = “1”
_ Transmit buffer empty flag (bit 1 at addresses 03A516) = “0”
• Furthermore, if external clock is selected, the following requirements must also be met:
_ CLK0 polarity select bit (bit 6 at address 03A416) = “0”: CLK0 input level = “H”
_ CLK0 polarity select bit (bit 6 at address 03A416) = “1”: CLK0 input level = “L”
• To start reception, the following requirements must be met:
_ Receive enable bit (bit 2 at address 03A516) = “1”
_ Transmit enable bit (bit 0 at address 03A516) = “1”
_ Transmit buffer empty flag (bit 1 at address 03A516) = “0”
• Furthermore, if external clock is selected, the following requirements must also be met:
_ CLK0 polarity select bit (bit 6 at address 03A416) = “0”: CLK0 input level = “H”
_ CLK0 polarity select bit (bit 6 at address 03A416) = “1”: CLK0 input level = “L”
• When transmitting
_ Transmit interrupt cause select bit (bit 0 at address 03B016) = “0”: Interrupts re-
quested when data transfer from UART0 transfer buffer register to UART0 transmit
register is completed
_ Transmit interrupt cause select bit (bit 0 at address 03B016) = “1”: Interrupts re-
quested when data transmission from UART0 transfer register is completed
• When receiving
_ Interrupts requested when data transfer from UART0 receive register to UART0
receive buffer register is completed
• Overrun error (Note 2)
This error occurs when the next data is ready before contents of UART0 receive
buffer register are read out
• CLK polarity selection
Whether transmit data is output/input at the rising edge or falling edge of the trans-
fer clock can be selected
• LSB first/MSB first selection
Whether transmission/reception begins with bit 0 or bit 7 can be selected
• Continuous receive mode selection
Reception is enabled simultaneously by a read from the receive buffer register
• Transfer clock output from multiple pins selection
UART0 transfer clock can be chosen by software to be output from one of the two
pins set
Clock synchronous serial I/O mode
Item
Transfer data format
Transfer clock
Transmission start
condition
Reception start
conditio
Interrupt request
generation timing
Error detection
Select function
Note 1: “n” denotes the value 0016 to FF16 that is set to the UART bit rate generator.
Note 2: If an overrun error occurs, the UART0 receive buffer will have the next data written in. Note also that the
UART0 receive interrupt request bit does not change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com