| Electronic Components Datasheet Search |
|
M30201 Datasheet(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30201 Datasheet(HTML) 11 Page - Renesas Technology Corp |
|
11 / 172 page ![]() Mitsubishi microcomputers M30201 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Memory 10 Figure 1.8. Location of peripheral unit control registers (2) 038016 038116 038216 038316 038416 038516 038616 038716 038816 038916 038A16 038B16 038C16 038D16 038E16 038F16 039016 039116 039216 039316 039416 039516 039616 039716 039816 039916 039A16 039B16 039C16 039D16 039E16 039F16 03A016 03A116 03A216 03A316 03A416 03A516 03A616 03A716 03A816 03A916 03AA16 03AB16 03AC16 03AD16 03AE16 03AF16 03B016 03B116 03B216 03B316 03B416 03B516 03B616 03B716 03B816 03B916 03BA16 03BB16 03BC16 03BD16 03BE16 03BF16 Timer A0 (TA0) Timer X0 (TX0) Timer X1 (TX1) Timer B0 (TB0) Timer B1 (TB1) Count start flag (TABSR) One-shot start flag (ONSF) Timer A0 mode register (TA0MR) Timer X0 mode register (TX0MR) Timer X1 mode register (TX1MR) Timer B0 mode register (TB0MR) Timer B1 mode register (TB1MR) Up-down flag (UDF) Timer X2 (TX2) Clock divided counter (CDC) Timer X2 mode register (TX2MR) Trigger select register (TRGSR) Clock prescaler reset flag (CPSRF) UART0 transmit/receive mode register (U0MR) UART0 transmit buffer register (U0TB) UART0 receive buffer register (U0RB) UART1 transmit/receive mode register (U1MR) UART1 transmit buffer register (U1TB) UART1 receive buffer register (U1RB) UART0 bit rate generator (U0BRG) UART0 transmit/receive control register 0 (U0C0) UART0 transmit/receive control register 1 (U0C1) UART1 bit rate generator (U1BRG) UART1 transmit/receive control register 0 (U1C0) UART1 transmit/receive control register 1 (U1C1) UART transmit/receive control register 2 (UCON) Flash memory control register 0 (FCON0) (Note1) Flash memory control register 1 (FCON1) (Note1) Flash command register (FCMD) (Note) Note 1: This register is only exist in flash memory version. Note 2: Locations in the SFR area where nothing is allocated are reserved areas. Do not access these areas for read or write. 03C016 03C116 03C216 03C316 03C416 03C516 03C616 03C716 03C816 03C916 03CA16 03CB16 03CC16 03CD16 03CE16 03CF16 03D016 03D116 03D216 03D316 03D416 03D516 03D616 03D716 03D816 03D916 03DA16 03DB16 03DC16 03DD16 03DE16 03DF16 03E016 03E116 03E216 03E316 03E416 03E516 03E616 03E716 03E816 03E916 03EA16 03EB16 03EC16 03ED16 03EE16 03EF16 03F016 03F116 03F216 03F316 03F416 03F516 03F616 03F716 03F816 03F916 03FA16 03FB16 03FC16 03FD16 03FE16 03FF16 A-D register 7 (AD7) A-D register 0 (AD0) A-D register 1 (AD1) A-D register 2 (AD2) A-D register 3 (AD3) A-D register 4 (AD4) A-D register 5 (AD5) A-D register 6 (AD6) Port P0 (P0) Port P0 direction register (PD0) Port P1 (P1) Port P1 direction register (PD1) Port P2 (P2) (Reserved) Port P2 direction register (PD2) (Reserved) Port P3 (P3) Port P3 direction register (PD3) Port P4 (P4) Port P4 direction register (PD4) Port P5 (P5) Port P5 direction register (PD5) Port P6 (P6) Port P6 direction register (PD6) Port P7 (P7) Port P7 direction register (PD7) Pull-up control register 0 (PUR0) Pull-up control register 1 (PUR1) Port P1 drive control register (DRR) A-D control register 0 (ADCON0) A-D control register 1 (ADCON1) A-D control register 2 (ADCON2) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |