Electronic Components Datasheet Search
  English  ▼

X  

M30201 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # M30201
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30201 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button M30201 Datasheet HTML 81Page - Renesas Technology Corp M30201 Datasheet HTML 82Page - Renesas Technology Corp M30201 Datasheet HTML 83Page - Renesas Technology Corp M30201 Datasheet HTML 84Page - Renesas Technology Corp M30201 Datasheet HTML 85Page - Renesas Technology Corp M30201 Datasheet HTML 86Page - Renesas Technology Corp M30201 Datasheet HTML 87Page - Renesas Technology Corp M30201 Datasheet HTML 88Page - Renesas Technology Corp M30201 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 172 page
background image
Mitsubishi microcomputers
M30201 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Serial I/O
84
Item
Specification
• Character bit (transfer data): 7 bits, 8 bits, or 9 bits as selected
• Start bit: 1 bit
• Parity bit: Odd, even, or nothing as selected
• Stop bit: 1 bit or 2 bits as selected
• When internal clock is selected (bit 3 at addresses 03A016, 03A816 = “0”) :
fi/16(n+1) (Note 1) fi = f1, f8, f32, fC
• When external clock is selected (bit 3 at addresses 03A016=“1”) :
fEXT/16(n+1) (Note 1) (Note 2)
• To start transmission, the following requirements must be met:
- Transmit enable bit (bit 0 at addresses 03A516, 03AD16) = “1”
- Transmit buffer empty flag (bit 1 at addresses 03A516, 03AD16) = “0”
• To start reception, the following requirements must be met:
- Receive enable bit (bit 2 at addresses 03A516, 03AD16) = “1”
- Start bit detection
• When transmitting
- Transmit interrupt cause select bits (bits 0,1 at address 03B016) = “0”:
Interrupts requested when data transfer from UARTi transfer buffer register
to UARTi transmit register is completed
- Transmit interrupt cause select bits (bits 0, 1 at address 03B016) = “1”:
Interrupts requested when data transmission from UARTi transfer register is
completed
• When receiving
- Interrupts requested when data transfer from UARTi receive register to
UARTi receive buffer register is completed
• Overrun error (Note 3)
This error occurs when the next data is ready before contents of UARTi
receive buffer register are read out
• Framing error
This error occurs when the number of stop bits set is not detected
• Parity error
This error occurs when if parity is enabled, the number of 1’s in parity and
character bits does not match the number of 1’s set
• Error sum flag
This flag is set (= 1) when any of the overrun, framing, and parity errors is
encountered
• Sleep mode selection
This mode is used to transfer data to and from one of multiple slave micro-
computers
(2) Clock asynchronous serial I/O (UART) mode
The UART mode allows transmitting and receiving data after setting the desired transfer rate and transfer
data format. (See Table 1.27.) Figure 1.79 shows the UARTi transmit/receive mode register.
Table 1.27. Specifications of UART Mode
Note 1: ‘n’ denotes the value 0016 to FF16 that is set to the UART bit rate generator.
Note 2: fEXT is input from the CLK0 pin. Since UART1 does not have this pin, cannot select external clock.
Note 3: If an overrun error occurs, the UARTi receive buffer will have the next data written in. Note also that
the UARTi receive interrupt request bit does not change.
Clock asynchronous serial I/O (UART) mode
Transfer data format
Transfer clock
Transmission start
condition
Reception start condi-
tion
Interrupt request gen-
eration timing
Error detection
Select function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com