Electronic Components Datasheet Search
  English  ▼

X  

M30201 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # M30201
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30201 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button M30201 Datasheet HTML 18Page - Renesas Technology Corp M30201 Datasheet HTML 19Page - Renesas Technology Corp M30201 Datasheet HTML 20Page - Renesas Technology Corp M30201 Datasheet HTML 21Page - Renesas Technology Corp M30201 Datasheet HTML 22Page - Renesas Technology Corp M30201 Datasheet HTML 23Page - Renesas Technology Corp M30201 Datasheet HTML 24Page - Renesas Technology Corp M30201 Datasheet HTML 25Page - Renesas Technology Corp M30201 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 172 page
background image
Clock Generating Circuit
Mitsubishi microcomputers
M30201 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
21
Clock Output
The clock output function select bit allows you to choose the clock from f8, fc, or a divide-by-n clock that is
output from the P54/CKOUT pin. The clock divide counter is an 8-bit counter whose count source is f32, and
its divide ratio can be set in the range of 0016 to FF16. Figure 1.19 shows a block diagram of clock output.
Figure 1.19. Block diagram of clock output
Clock source
selection
Reload register (8)
Low-order 8 bits
Data bus low-order bits
P54
f8
fC
1/2
Division n+1 n=0016 to FF16
Clock divided couter (8)
Example:
When f(XIN)=10MHz
n=0716 : approx. 19.5kHz
n=2616 : approx. 4.0kHz
n=4D16 : approx. 2.0kHz
n=9B16 : approx. 1.0kHz
P54/CKOUT
f32
Address 038E16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com