| Electronic Components Datasheet Search |
|
M30201 Datasheet(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30201 Datasheet(HTML) 32 Page - Renesas Technology Corp |
|
32 / 172 page ![]() Mitsubishi microcomputers M30201 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Interrupts 31 Table 1.7. Interrupt causes (variable interrupt vector addresses) Software interrupt number Interrupt source Vector table address Address (L) to address (H) Remarks Cannot be masked by I flag +0 to +3 (Note) BRK instruction Software interrupt number 0 +44 to +47 (Note) Software interrupt number 11 +48 to +51 (Note) Software interrupt number 12 +52 to +55 (Note) Software interrupt number 13 +56 to +59 (Note) Software interrupt number 14 +68 to +71 (Note) Software interrupt number 17 +72 to +75 (Note) Software interrupt number 18 +76 to +79 (Note) Software interrupt number 19 +80 to +83 (Note) Software interrupt number 20 +84 to +87 (Note) Software interrupt number 21 +88 to +91 (Note) Software interrupt number 22 +92 to +95 (Note) Software interrupt number 23 +96 to +99 (Note) Software interrupt number 24 +100 to +103 (Note) Software interrupt number 25 +104 to +107 (Note) Software interrupt number 26 +108 to +111 (Note) Software interrupt number 27 +112 to +115 (Note) Software interrupt number 28 +116 to +119 (Note) Software interrupt number 29 +120 to +123 (Note) Software interrupt number 30 +124 to +127 (Note) Software interrupt number 31 +128 to +131 (Note) Software interrupt number 32 +252 to +255 (Note) Software interrupt number 63 to Note : Address relative to address in interrupt table register (INTB). to Key input interrupt A-D UART0 transmit UART0 receive UART1 transmit UART1 receive Timer A0 Timer X0 Timer X1 Timer X2 Timer B0 Timer B1 INT0 INT1 Software interrupt Cannot be masked by I flag • Variable vector tables The addresses in the variable vector table can be modified, according to the user’s settings. Indicate the first address using the interrupt table register (INTB). The 256-byte area subsequent to the address the INTB indicates becomes the area for the variable vector tables. One vector table comprises four bytes. Set the first address of the interrupt routine in each vector table. Table 1.7 shows the interrupts assigned to the variable vector tables and addresses of vector tables. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |