Electronic Components Datasheet Search
  English  ▼

X  

M37207MF Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 37Page - Renesas Technology Corp M37207MF Datasheet HTML 38Page - Renesas Technology Corp M37207MF Datasheet HTML 39Page - Renesas Technology Corp M37207MF Datasheet HTML 40Page - Renesas Technology Corp M37207MF Datasheet HTML 41Page - Renesas Technology Corp M37207MF Datasheet HTML 42Page - Renesas Technology Corp M37207MF Datasheet HTML 43Page - Renesas Technology Corp M37207MF Datasheet HTML 44Page - Renesas Technology Corp M37207MF Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 122 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
40
PWM1 register (Address : 00D116)
8
8-bit PWM circuit
PN3
P60
PW2
D60
PWM0
P61
PW3
D61
PWM1
P62
PW4
D62
PWM2
P63
PW5
D63
PWM3
P64
PW6
D64
PWM4
P65
PW7
D65
PWM5
Inside of
is as same contents with
the others.
Selection gate :
Connected to black
side at reset.
Pass gate
PW : PWM output countrol register 1
PN : PWM output control register 2
P66
PN0
D66
PWM6
P67
PN1
D67
PWM7
D6 : Port P6 direction register
D4 : port P4 direction register
SRDY1
SIC3
D47
PWM8
P47
SIC7
P46
SIC6
D46
PWM9
SIC : Serial I/O control register
PWM2 register (Address : 00D216)
PWM3 register (Address : 00D316)
PWM4 register (Address : 00D416)
PWM5 register (Address : 00F616)
PWM6 register (Address : 00F716)
PWM7 register (Address : 00F816)
PWM8 register (Address : 00F916)
PWM9 register (Address : 00FA16)
D-A/AD3
DA-H register
(Address : 00CE16)
1/2
XIN
Timing
generator
for PWM
PWM0 register
(Address : 00D0 16)
14-bit PWM circuit
PN2 PN4
PW1
D-A
MSB
DA latch (14-bits)
LSB
8
7
14
6
PW0
DA-L register
(Address : 00CF16)
A-D
MSB
b7
Data bus
PWM0 latch
LSB
b5
b0
b0
b7
b0
b7
LSB
Table 5. Relation Between the Low-order 6-bit Data and High-
level Area Increase Interval
Area Longer by
τ than That of Other tm (m = 0 to 63)
Nothing
m = 32
m = 16, 48
m = 8, 24, 40, 56
m = 4, 12, 20, 28, 36, 44, 52, 60
m = 2, 6, 10, 14, 18, 22, 26, 30, 34, 38, 42, 46, 50, 54, 58, 62
m = 1, 3, 5, 7, ................................. 57, 59, 61, 63
Low-order 6 bits of Data
0 0 0 0 0 0
0 0 0 0 0 1
0 0 0 0 1 0
0 0 0 1 0 0
0 0 1 0 0 0
0 1 0 0 0 0
1 0 0 0 0 0
Fig. 35. PWM Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com