Electronic Components Datasheet Search
  English  ▼

X  

M37207MF Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 56Page - Renesas Technology Corp M37207MF Datasheet HTML 57Page - Renesas Technology Corp M37207MF Datasheet HTML 58Page - Renesas Technology Corp M37207MF Datasheet HTML 59Page - Renesas Technology Corp M37207MF Datasheet HTML 60Page - Renesas Technology Corp M37207MF Datasheet HTML 61Page - Renesas Technology Corp M37207MF Datasheet HTML 62Page - Renesas Technology Corp M37207MF Datasheet HTML 63Page - Renesas Technology Corp M37207MF Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 122 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
59
Fig. 55. Display Example
Example
12
16
Unwanted dots
Color registers (addresses 00E6 16 to 00E916)
Character
1
2
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1
1
0
0
1
1
0
0
0
0
0
1
1
1
0
0
0
1
1
0
0
0
0
0
Bit 7
Bit 6
0
0
0
0
0
0
0
0
(R)
(G)
(B)
(I)
(R
background)
(OUT)
3
4
A
B
C
G (Green)
12
A
34
BC
G+B
(Cyan)
B (Blue)
R (Red)
G+B
(Cyan)
R
(Red)
R
(Red)
TV screen
Character
background
B (Blue)
(G
background)
(B
background)
Note : If border and background color are applied to a character in contact with a 12 ! 16 -dot
frame in the same block, the border (1 dot) is protruded from the frame.
Table 10. Colorling to Character Background by R,G,B Output Signals
Color Register
Bit 7 (B)
Bit 6 (G)
Bit 3 (R)
000
001
010
011
100
101
110
111
RGB Output
Color
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com