Electronic Components Datasheet Search
  English  ▼

X  

M37207MF Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 40Page - Renesas Technology Corp M37207MF Datasheet HTML 41Page - Renesas Technology Corp M37207MF Datasheet HTML 42Page - Renesas Technology Corp M37207MF Datasheet HTML 43Page - Renesas Technology Corp M37207MF Datasheet HTML 44Page - Renesas Technology Corp M37207MF Datasheet HTML 45Page - Renesas Technology Corp M37207MF Datasheet HTML 46Page - Renesas Technology Corp M37207MF Datasheet HTML 47Page - Renesas Technology Corp M37207MF Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 122 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
43
Fig. 38. PWM Output Control Register 1
b7 b6 b5 b4 b3 b2 b1 b0
PWM output control register 1 (PW) [Address 00D5
B
After reset RW
PWM Output Control Register 1
0
1
2
3
4
0
Name
Functions
DA, PWM count source
selection bit (PW0)
0 : Count source supply
1 : Count source stop
P60/PWM0 output
selection bit (PW2)
0: P60 output
1: PWM0 output
P61/PWM1 output
selection bit (PW3)
0: P61 output
1: PWM1 output
P62/PWM2 output
selection bit (PW4)
0: P62 output
1: PWM2 output
5
P63/PWM3 output
selection bit (PW5)
0: P63 output
1: PWM3 output
6
P64/PWM4 output
selection bit (PW6)
0: P64 output
1: PWM4 output
DA/PN4 output
selection bit (PW1)
0 : DA output
1 : PN4 output
7
P65/PWM5 output
selection bit (PW7)
0: P65 output
1: PWM5 output
0
0
0
0
0
0
0
16
]
RW
RW
RW
RW
RW
RW
RW
RW
Fig. 39. PWM Output Control Register 2
b7 b6 b5 b4 b3 b2 b1 b0
PWM output control register 2 (PN) [Address 00D6
B
After reset RW
PWM Output Control Register 2
Name
Functions
16
]
2
3
4
DA output polarity
selection bit (PN3)
0 : Positive polarity
1 : Negative polarity
PWM output polarity
selection bit (PN4)
DA general-purpose
output bit (PN5)
0 : Output LOW
1 : Output HIGH
5
to
7
0
0
0
0
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
0 : Positive polarity
1 : Negative polarity
RW
RW
RW
R—
0
P66/PWM6 output
selection bit (PN0)
0 : P66 output
1 : PWM6 output
0R W
1
P67/PWM7 output
selection bit (PN1)
0 : P67 output
1 : PWM7 output
0R W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com