Electronic Components Datasheet Search
  English  ▼

X  

M37207MF Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 47Page - Renesas Technology Corp M37207MF Datasheet HTML 48Page - Renesas Technology Corp M37207MF Datasheet HTML 49Page - Renesas Technology Corp M37207MF Datasheet HTML 50Page - Renesas Technology Corp M37207MF Datasheet HTML 51Page - Renesas Technology Corp M37207MF Datasheet HTML 52Page - Renesas Technology Corp M37207MF Datasheet HTML 53Page - Renesas Technology Corp M37207MF Datasheet HTML 54Page - Renesas Technology Corp M37207MF Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 122 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
50
The display position in the vertical direction is determined by count-
ing the horizontal sync signal (HSYNC). At this time, when VSYNC and
HSYNC are positive polarity (negative polarity), it starts to count the
rising edge (falling edge) of HSYNC signal from after fixed cycle of
rising edge (falling edge) of VSYNC signal. So interval from rising edge
(falling edge) of VSYNC signal to rising edge (falling edge) of HSYNC
signal needs enough time (2 machine cycles or more) for avoiding
jitter. The polarity of HSYNC and VSYNC signals can select with the
CRT port control register (address 00EC16).
Fig. 48. Vertical Position Register i
Fig. 47. Supplement Explanation for Display Position
When bits 0 and 1 of the CRT port control register
(address 00EC16) are set to “1” (negative polarity)
VSYNC signal input
VSYNC control
signal in
microcomputer
0.125 to 0.50 [
µs]
( at f(XIN) = 8MHz)
Period of counting
HSYNC signal
(Note 2)
HSYNC
signal input
Not count
12345
Notes 1 : The vertical position is determined by counting falling edge of HSYNC
signal after rising edge of V SYNC control signal in the microcomputer.
2 : Do not generate falling edge of HSYNC signal near rising edge of
VSYNC control signal in microcomputer to avoid jitter.
8 machine cycles
or more
8 machine cycles
or more
b7 b6 b5 b4 b3 b2 b1 b0
Vertical position register i (CVi) (i = 1 to 3) [Addresses 00E116 to 00E316]
B
Name
Functions
After reset
R W
Vertical Position Register i
0
to
6
7
Vertical display start positions
128 steps (0016 to 7F16)
Indeterminate
0
(CVi : CVi0 to CVi6)
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
RW
R—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com