Electronic Components Datasheet Search
  English  ▼

X  

M37207MF Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 78Page - Renesas Technology Corp M37207MF Datasheet HTML 79Page - Renesas Technology Corp M37207MF Datasheet HTML 80Page - Renesas Technology Corp M37207MF Datasheet HTML 81Page - Renesas Technology Corp M37207MF Datasheet HTML 82Page - Renesas Technology Corp M37207MF Datasheet HTML 83Page - Renesas Technology Corp M37207MF Datasheet HTML 84Page - Renesas Technology Corp M37207MF Datasheet HTML 85Page - Renesas Technology Corp M37207MF Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 122 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
81
Min.
4.5
0
0.8VCC
0.7VCC
0
0
0
7.9
29
6.0
Typ.
5.0
0
8.0
32
Max.
5.5
0
VCC
VCC
0.4 VCC
0.3 VCC
0.2 VCC
1
2
1
10
6
8.1
35
13
100
1
400
Power source voltage (Note 4), During CPU, CRT operation
Power source voltage
HIGH input voltage
P00–P07, P10–P17, P20–P27, P30–P36,
P60–P67, P70, P71, HSYNC, VSYNC,
______
RESET, XIN, XCIN, OSC1,
P40–P47 (including when using serial I/O)
HIGH input voltage
SDA3, SCL3, S DA2, SCL2, SDA1, SCL1
(When using I2C-BUS)
LOW input voltage
P00–P07, P10–P17, P20–P27, P30, P31,
P35, P40–P47, P70, P71
LOW input voltage
SDA3, SCL3, SDA2, SCL2, SDA1, SCL1
(When using I2C-BUS)
LOW input voltage
______
HSYNC, VSYNC, RESET, P32–P34, P36,
P41, P42, P44–P46, XIN, XCIN, OSC1
When using serial I/O; SOUT2, SCLK2, SIN2,
SOUT1, SCLK1, SIN1
HIGH average output current (Note 1)
R, G, B, I, OUT, D-A, P00–P07, P10–P17,
P20–P27, P30, P31
LOW average output current (Note 2)
R, G, B, I, OUT, D-A, P00–P07, P10–P17,
P20–P23, P30–P36
LOW average output current (Note 2)
P46, P47, P60–P67
LOW average output current (Note 3)
P24–P27
LOW average output current (Note 2)
P40–P45
Oscillation frequency (for CPU operation) (Note 5)
XIN
Oscillation frequency (for sub-clock operation) (Note 7)XCIN
Oscillation frequency (for CRT display) (Note 6)
OSC1
Input frequency
TIM2, TIM3, INT1, INT2
Input frequency
SCLK1, SCLK2
Input frequency
SCL1, SCL2, SCL3
Symbol
VCC
VI
VI
VO
VO
IOH
IOL1
IOL2
IOL3
IOL4
Pd
Topr
Tstg
ABSOLUTE MAXIMUM RATINGS
Conditions
All voltages are based
on VSS.
Output transistors are
cut off.
Ta = 25
°C
Ratings
–0.3 to 6
–0.3 to 6
–0.3 to VCC + 0.3
–0.3 to VCC + 0.3
–0.3 to 13
0 to 1 (Note 1)
0 to 2 (Note 2)
0 to 1 (Note 2)
0 to 10 (Note 3)
0 to 6 (Note 2)
550
–10 to 70
–40 to 125
Unit
V
V
V
V
V
mA
mA
mA
mA
mA
mW
°C
°C
Parameter
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
MHz
kHz
MHz
kHz
MHz
kHz
RECOMMENDED OPERATING CONDITIONS (Ta = –10
°C to 70 °C, VCC = 5 V ± 10 %, unless otherwise noted)
VCC
VSS
VIH1
VIH2
VIL1
VIL2
VIL3
IOH
IOL1
IOL2
IOL3
IOL4
f(XIN)
f(XCIN)
fOSC
fhs1
fhs2
fhs3
Symbol
Parameter
Unit
Limits
Power source voltage
VCC
Input voltage
CNVSS
Input voltage
P00–P07, P10–P17, P20–P27,
P30–P36, P40–P47, P60–P67,
P70, P71,OSC1, XIN, HSYNC,
______
VSYNC, RESET, XCIN,
AD1–AD8
Output voltage
P00–P07, P10–P17, P20–P27,
P30–P36, P40–P45, R, G, B, I,
OUT, D-A, XOUT, XCOUT,
OSC2
Output voltage
P46, P47, P60–P67
Circuit current
R, G, B, I, OUT, P00–P07,
P10–P17, P20–P27, P30, P31,
D-A
Circuit current
R, G, B, I, OUT, P00–P07,
P10–P17, P20–P23,P30–P36,
D-A
Circuit current
P46, P47, P60–P67
Circuit current
P24–P27
Circuit current
P40–P45
Power dissipation
Operating temperature
Storage temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com