Electronic Components Datasheet Search
  English  ▼

X  

M37207MF Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 48Page - Renesas Technology Corp M37207MF Datasheet HTML 49Page - Renesas Technology Corp M37207MF Datasheet HTML 50Page - Renesas Technology Corp M37207MF Datasheet HTML 51Page - Renesas Technology Corp M37207MF Datasheet HTML 52Page - Renesas Technology Corp M37207MF Datasheet HTML 53Page - Renesas Technology Corp M37207MF Datasheet HTML 54Page - Renesas Technology Corp M37207MF Datasheet HTML 55Page - Renesas Technology Corp M37207MF Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 122 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
51
The horizontal position is common to all blocks, and can be set in 64
steps (where 1 step is 4TOSC, TOSC being the display oscillation pe-
riod) as values “0016” to “3F16” in bits 0 to 5 of the horizontal position
register (address 00E016). The structure of the horizontal position
register is shown in Figure 49.
Fig. 49. Horizontal Position Register
b7 b6 b5 b4 b3 b2 b1 b0
Horizontal position register (HR) [Address 00E016]
B
Name
Functions
After reset
RW
Horizontal Position Register
0
to
5
6
Horizontal display start
positions (HR0 to HR5)
64 steps (0016 to 3F16)
0
0
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
RW
R—
0
7
0
Fix this bit to “0.”
R W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com