Electronic Components Datasheet Search
  English  ▼

X  

M37207MF Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 68Page - Renesas Technology Corp M37207MF Datasheet HTML 69Page - Renesas Technology Corp M37207MF Datasheet HTML 70Page - Renesas Technology Corp M37207MF Datasheet HTML 71Page - Renesas Technology Corp M37207MF Datasheet HTML 72Page - Renesas Technology Corp M37207MF Datasheet HTML 73Page - Renesas Technology Corp M37207MF Datasheet HTML 74Page - Renesas Technology Corp M37207MF Datasheet HTML 75Page - Renesas Technology Corp M37207MF Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 122 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
71
Fig. 68. CRT Clock Selection Register
(13) Clock for Display
As a clock for display to be used for CRT display, it is possible to
select one of the following 3 types.
•Main clock supplied from the XIN pin
•Clock from the LC or RC supplied from the pins OSC1 and OSC2.
•Clock from the ceramic resonator or quartz-crystal oscillator sup-
plied from the pins OSC1 and OSC2.
This clock for display can be selected for each block by the CRT
clock selection register (address 020916).
When selecting the main clock, set the oscillation frequency to
8 MHz.
b7 b6 b5 b4 b3 b2 b1 b0
CRT clock selection register (OP) [Address 020916]
B
Name
Functions
After reset R W
CRT Clock Selection Register
0, 1 CRT clock
selection bits
(OP0, OP1)
0
Since the main clock is used as the clock for
display, the oscillation frequency is limited.
Because of this, the character size in width
(horizontal) direction is also limited. In this
case, pins OSC1 and OSC2 are also used
as input ports P70 and P71 respectively.
The clock for display is supplied by connecting the
following across the pins OSC1 and OSC2.
• a ceramic resonator only for CRT display and a feedback resistor
• a quartz-crystal oscillator only for CRT display and a feedback
resistor (See note)
2
to
6
0
0
b1
The clock for display is supplied by connecting RC
or LC across the pins OSC1 and OSC2.
Functions
10
b0
CRT oscillation
frequency
= f(XIN)
Notes 1: It is necessary to connect other ceramic resonator or quartz-crystal oscillator across the pins XIN and XOUT.
2: CC6 is the scnanning line double count mode flag.
0
1
11
RW
R—
CC6
CC6 =
“0” or “1”
CC6 = “0”
CC6 = “0”
1
0
—
Do not set.
7
0
Fix this bits to “0.”
RW
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com