Electronic Components Datasheet Search
  English  ▼

X  

M37207MF Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 71Page - Renesas Technology Corp M37207MF Datasheet HTML 72Page - Renesas Technology Corp M37207MF Datasheet HTML 73Page - Renesas Technology Corp M37207MF Datasheet HTML 74Page - Renesas Technology Corp M37207MF Datasheet HTML 75Page - Renesas Technology Corp M37207MF Datasheet HTML 76Page - Renesas Technology Corp M37207MF Datasheet HTML 77Page - Renesas Technology Corp M37207MF Datasheet HTML 78Page - Renesas Technology Corp M37207MF Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 122 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
74
ROM CORRECTION FUNCTION
This can correct program data in ROM. Up to 2 addresses (2 blocks)
can be corrected, a program for correction is stored in the ROM cor-
rection memory in RAM. The ROM memory for correction is 32 bytes
!2 blocks.
Block 1 : addresses 02C016 to 02DF16
Block 2 : addresses 02E016 to 02FF16
Set the address of the ROM data to be corrected into the ROM cor-
rection address register. When the value of the counter matches the
ROM data address in the ROM correction address, the main pro-
gram branches to the correction program stored in the ROM memory
for correction. To return from the correction program to the main pro-
gram, the op code and operand of the JMP instruction (total of 3
bytes) are necessary at the end of the correction program. When the
blocks 1 and 2 are used in series, the above instruction is not needed
at the end of the block 1.
The ROM correction function is controlled by the ROM correction
enable register.
Notes 1 : Specify the first address (op code address) of each
instruction as the ROM correction address.
2 : Use the JMP instruction (total of 3 bytes) to return from
the correction program to the main program.
3 : Do not set the same ROM correction address to the blocks
1 and 2.
Fig. 72. ROM Correction Address Registers
Fig. 73. ROM Correction Enable Register
021716
ROM correction address 1 (high-order)
021816
ROM correction address 1 (low-order)
021916
ROM correction address 2 (high-order)
021A16
ROM correction address 2 (low-order)
b7 b6 b5 b4 b3 b2 b1 b0
ROM correction enable register (RCR) [Address 021B16]
B
After reset RW
ROM Correction Enable Register
0
Block 1 enable bit (RC0)
Name
Functions
0: Disabled
1: Enabled
1
Block 2 enable bit (RC1)
0: Disabled
1: Enabled
4
to
7
Nothing is assigned. These bits are write disable bits. When
these bits are read out, the values are “0.”
0
0
0
RW
RW
R—
0
0
2, 3 Fix these bits to“0.”
0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com