Electronic Components Datasheet Search
  English  ▼

X  

M37207MF Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 27Page - Renesas Technology Corp M37207MF Datasheet HTML 28Page - Renesas Technology Corp M37207MF Datasheet HTML 29Page - Renesas Technology Corp M37207MF Datasheet HTML 30Page - Renesas Technology Corp M37207MF Datasheet HTML 31Page - Renesas Technology Corp M37207MF Datasheet HTML 32Page - Renesas Technology Corp M37207MF Datasheet HTML 33Page - Renesas Technology Corp M37207MF Datasheet HTML 34Page - Renesas Technology Corp M37207MF Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 122 page
background image
30
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
(1) I2C Data Shift Register
The I2C data shift register (S0 : address 00D916) is an 8-bit shift
register to store receive data and write transmit data.
When transmit data is written into this register, it is transferred to the
outside from bit 7 in synchronization with the SCL clock, and each
time one-bit data is output, the data of this register are shifted one bit
to the left. When data is received, it is input to this register from bit 0
in synchronization with the SCL clock, and each time one-bit data is
input, the data of this register are shifted one bit to the left.
The I2C data shift register is in a write enable status only when the
ESO bit of the I2C control register (address 00DC16) is “1.” The bit
counter is reset by a write instruction to the I2C data shift register.
When both the ESO bit and the MST bit of the I2C status register
(address 00F816) are “1,” the SCL is output by a write instruction to
the I2C data shift register. Reading data from the I2C data shift regis-
ter is always enabled regardless of the ESO bit value.
Note: To write data into the I2C data shift register after setting the
MST bit to “0” (slave mode), keep an interval of 8 machine
cycles or more.
Fig. 24. I2C Data Shift Register
Fig. 25. I2C Address Register
(2) I2C Address Register
The I2C address register (address 00DA16) consists of a 7-bit slave
___
address and a read/write bit. In the addressing mode, the slave ad-
dress written in this register is compared with the address data to be
received immediately after the START condition are detected.
____
sBit 0: Read/Write Bit (RBW)
Not used when comparing addresses, in the 7-bit addressing mode.
In the 10-bit addressing mode, the first address data to be received
is compared with the contents (SAD6 to SAD0 + RBW) of the I2C
address register.
The RBW bit is cleared to “0” automatically when the stop condition
is detected.
sBits 1 to 7: Slave Address (SAD0–SAD6)
These bits store slave addresses. Regardless of the 7-bit address-
ing mode and the 10-bit addressing mode, the address data trans-
mitted from the master is compared with the contents of these bits.
b7 b6 b5 b4 b3 b2 b1 b0
I C data shift register1(S0) [Address 00D9 16]
B
Functions
After reset
R W
I C Data Shift Register
0
to
7
This is an 8-bit shift register to store
receive data and write transmit data.
Indeterminate
2
2
Note:
2
To write data into the I C data shift register after setting the MST bit to
“0” (slave mode), keep an interval of 8 machine cycles or more.
Name
D0 to D7
RW
b7 b6 b5 b4 b3 b2 b1 b0
0
Read/write bit
(RBW)
1
to
7
Slave address
(SAD0 to SAD6)
0: Read
1: Write
0
0
The address data transmitted from
the master is compared with the
contents of these bits.
I2C Address Register
I2C address register (S0D) [Address 00DA16]
B
Name
Functions
After reset
RW
R—
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com