Electronic Components Datasheet Search
  English  ▼

X  

HD64F36037 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # HD64F36037
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36037 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button HD64F36037 Datasheet HTML 67Page - Renesas Technology Corp HD64F36037 Datasheet HTML 68Page - Renesas Technology Corp HD64F36037 Datasheet HTML 69Page - Renesas Technology Corp HD64F36037 Datasheet HTML 70Page - Renesas Technology Corp HD64F36037 Datasheet HTML 71Page - Renesas Technology Corp HD64F36037 Datasheet HTML 72Page - Renesas Technology Corp HD64F36037 Datasheet HTML 73Page - Renesas Technology Corp HD64F36037 Datasheet HTML 74Page - Renesas Technology Corp HD64F36037 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 592 page
background image
Section 2 CPU
Rev. 4.00 Mar. 15, 2006 Page 39 of 556
REJ09B0026-0400
2.6.2
On-Chip Peripheral Modules
On-chip peripheral modules are accessed in two states, three states, or four states. The data bus
width is 8 bits or 16 bits depending on the register. For description on the data bus width and
number of accessing states of each register, refer to section 21.1, Register Addresses (Address
Order). Registers with 16-bit data bus width can be accessed by word size only. Registers with 8-
bit data bus width can be accessed by byte or word size. When a register with 8-bit data bus width
is accessed by word size, a bus cycle occurs twice. In two-state access, the operation timing is the
same as that for on-chip memory. Figure 2.10 shows the operation timing in the case of three-state
access to an on-chip peripheral module. In four-state access, the operation timing is such that a
wait cycle is inserted between the T
2 and T3 states.
T1 state
Bus cycle
Internal
address bus
Internal
read signal
Internal
data bus
(read access)
Internal
write signal
Read data
Address
Internal
data bus
(write access)
T2 state
T3 state
Write data
SUB
φ or φ
Figure 2.10 On-Chip Peripheral Module Access Cycle (3-State Access)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com