| Electronic Components Datasheet Search |
|
HD64F36037 Datasheet(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36037 Datasheet(HTML) 30 Page - Renesas Technology Corp |
|
30 / 592 page ![]() Rev. 4.00 Mar. 15, 2006 Page xxx of xxxii Table 7.3 System Clock Frequencies for which Automatic Adjustment of LSI Bit Rate is Possible................................................................................................................... 98 Table 7.4 Reprogram Data Computation Table .................................................................... 102 Table 7.5 Additional-Program Data Computation Table...................................................... 102 Table 7.6 Programming Time............................................................................................... 102 Table 7.7 Flash Memory Operating States............................................................................ 107 Section 10 Timer B1 Table 10.1 Pin Configuration.................................................................................................. 144 Table 10.2 Timer B1 Operating Modes .................................................................................. 148 Section 11 Timer V Table 11.1 Pin Configuration.................................................................................................. 151 Table 11.2 Clock Signals to Input to TCNTV and Counting Conditions ............................... 153 Section 12 Timer Z Table 12.1 Timer Z Functions ................................................................................................ 164 Table 12.2 Pin Configuration.................................................................................................. 168 Table 12.3 Initial Output Level of FTIOB0 Pin...................................................................... 200 Table 12.4 Output Pins in Reset Synchronous PWM Mode................................................... 206 Table 12.5 Register Settings in Reset Synchronous PWM Mode........................................... 206 Table 12.6 Output Pins in Complementary PWM Mode........................................................ 210 Table 12.7 Register Settings in Complementary PWM Mode................................................ 211 Table 12.8 Register Combinations in Buffer Operation ......................................................... 221 Section 14 Serial Communication Interface 3 (SCI3) Table 14.1 Channel Configuration.......................................................................................... 252 Table 14.2 Pin Configuration.................................................................................................. 254 Table 14.3 Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (1) ...... 262 Table 14.3 Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (2) ...... 264 Table 14.3 Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (3) ...... 266 Table 14.4 Maximum Bit Rate for Each Frequency (Asynchronous Mode) .......................... 267 Table 14.5 Examples of BRR Settings for Various Bit Rates (Clocked Synchronous Mode) (1)......................................................................... 268 Table 14.5 Examples of BRR Settings for Various Bit Rates (Clocked Synchronous Mode) (2)......................................................................... 269 Table 14.6 SSR Status Flags and Receive Data Handling ...................................................... 275 Table 14.7 SCI3 Interrupt Requests........................................................................................ 291 Section 15 Controller Area Network for Tiny (TinyCAN) Table 15.1 Pin Configuration.................................................................................................. 297 Table 15.2 Settable Values in BCR ........................................................................................ 325 Table 15.3 Settable Values for TSG1 and TSG2 in BCR1 ..................................................... 326 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |