Electronic Components Datasheet Search
  English  ▼

X  

HD64F36037 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # HD64F36037
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36037 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button HD64F36037 Datasheet HTML 91Page - Renesas Technology Corp HD64F36037 Datasheet HTML 92Page - Renesas Technology Corp HD64F36037 Datasheet HTML 93Page - Renesas Technology Corp HD64F36037 Datasheet HTML 94Page - Renesas Technology Corp HD64F36037 Datasheet HTML 95Page - Renesas Technology Corp HD64F36037 Datasheet HTML 96Page - Renesas Technology Corp HD64F36037 Datasheet HTML 97Page - Renesas Technology Corp HD64F36037 Datasheet HTML 98Page - Renesas Technology Corp HD64F36037 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 592 page
background image
Section 3 Exception Handling
Rev. 4.00 Mar. 15, 2006 Page 63 of 556
REJ09B0026-0400
PC and CCR
saved to stack
SP (R7)
SP – 1
SP – 2
SP – 3
SP – 4
Stack area
SP + 4
SP + 3
SP + 2
SP + 1
SP (R7)
Even address
Prior to start of interrupt
exception handling
After completion of interrupt
exception handling
[Legend]
PCH :
PCL :
CCR:
SP:
Upper 8 bits of program counter (PC)
Lower 8 bits of program counter (PC)
Condition code register
Stack pointer
Notes:
CCR
CCR*3
PCH
PCL
1.
2.
PC shows the address of the first instruction to be executed upon return from the interrupt
handling routine.
Register contents must always be saved and restored by word length, starting from
an even-numbered address.
3. Ignored when returning from the interrupt handling routine.
Figure 3.2 Stack Status after Exception Handling
3.4.4
Interrupt Response Time
Table 3.2 shows the number of wait states after an interrupt request flag is set until the first
instruction of the interrupt handling-routine is executed.
Table 3.2
Interrupt Wait States
Item
States
Total
Waiting time for completion of executing instruction*
1 to 23
15 to 37
Saving of PC and CCR to stack
4
Vector fetch
2
Instruction fetch
4
Internal processing
4
Note:
*
Not including EEPMOV instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com