Electronic Components Datasheet Search
  English  ▼

X  

HD64F36037 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # HD64F36037
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36037 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button HD64F36037 Datasheet HTML 71Page - Renesas Technology Corp HD64F36037 Datasheet HTML 72Page - Renesas Technology Corp HD64F36037 Datasheet HTML 73Page - Renesas Technology Corp HD64F36037 Datasheet HTML 74Page - Renesas Technology Corp HD64F36037 Datasheet HTML 75Page - Renesas Technology Corp HD64F36037 Datasheet HTML 76Page - Renesas Technology Corp HD64F36037 Datasheet HTML 77Page - Renesas Technology Corp HD64F36037 Datasheet HTML 78Page - Renesas Technology Corp HD64F36037 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 592 page
background image
Section 2 CPU
Rev. 4.00 Mar. 15, 2006 Page 43 of 556
REJ09B0026-0400
The timer is counting, so the value read is not necessarily the same as the value in the timer load
register. As a result, bits other than the intended bit in the timer counter may be modified and the
modified value may be written to the timer load register.
Read
Write
Count clock
Timer counter
Timer load register
Reload
Internal data bus
Figure 2.13 Example of Timer Configuration with Two Registers Allocated to Same
Address
Example 2: The BSET instruction is executed for port 5.
P57 and P56 are input pins, with a low-level signal input at P57 and a high-level signal input at
P56. P55 to P50 are output pins and output low-level signals. An example to output a high-level
signal at P50 with a BSET instruction is shown below.
• Prior to executing BSET instruction
P57
P56
P55
P54
P53
P52
P51
P50
Input/output
Input
Input
Output
Output
Output
Output
Output
Output
Pin state
Low
level
High
level
Low
level
Low
level
Low
level
Low
level
Low
level
Low
level
PCR5
0
0
1
1
1
1
1
1
PDR5
1
0
0
0
0
0
0
0
• BSET instruction executed instruction
BSET
#0,
@PDR5
The BSET instruction is executed for port 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com