Electronic Components Datasheet Search
  English  ▼

X  

HD64F36037 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # HD64F36037
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36037 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button HD64F36037 Datasheet HTML 79Page - Renesas Technology Corp HD64F36037 Datasheet HTML 80Page - Renesas Technology Corp HD64F36037 Datasheet HTML 81Page - Renesas Technology Corp HD64F36037 Datasheet HTML 82Page - Renesas Technology Corp HD64F36037 Datasheet HTML 83Page - Renesas Technology Corp HD64F36037 Datasheet HTML 84Page - Renesas Technology Corp HD64F36037 Datasheet HTML 85Page - Renesas Technology Corp HD64F36037 Datasheet HTML 86Page - Renesas Technology Corp HD64F36037 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 592 page
background image
Section 3 Exception Handling
Rev. 4.00 Mar. 15, 2006 Page 51 of 556
REJ09B0026-0400
Relative Module
Exception Sources
Vector
Number
Vector Address
Priority
Timer Z
Compare match/input capture
A0 to D0
Timer Z overflow
26
H'0034 to H'0035
High
Compare match/input capture
A1 to D1
Timer Z overflow
Timer Z underflow
27
H'0036 to H'0037
Timer B1
Timer B1 overflow
29
H'003A to H'003B
SCI3_2*
2
Receive data full
Transmit data empty
Transmit end
Receive error
32
H'0040 to H'0041
TinyCAN
Error
Reset/HALT mode processing
Message reception
Message transmission
Wakeup
34
H'0044 to H'0045
SSU
Overrun error
Transmit data empty
Transmit end
Receive data full
Conflict error
35
H'0046 to H'0047
Subtimer
Underflow
36
H'0048 to H'0049
Low
Notes: 1. A low-voltage detection interrupt is enabled only in the product with an on-chip power-
on reset and low-voltage detection circuit.
2. The H8/36037 Group does not have the SCI3_2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com