Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 464 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 464 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 460Page - Renesas Technology Corp SH7261 Datasheet HTML 461Page - Renesas Technology Corp SH7261 Datasheet HTML 462Page - Renesas Technology Corp SH7261 Datasheet HTML 463Page - Renesas Technology Corp SH7261 Datasheet HTML 464Page - Renesas Technology Corp SH7261 Datasheet HTML 465Page - Renesas Technology Corp SH7261 Datasheet HTML 466Page - Renesas Technology Corp SH7261 Datasheet HTML 467Page - Renesas Technology Corp SH7261 Datasheet HTML 468Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 464 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 432 of 1312
REJ09B0320-0200
12.3.13
Timer General Register (TGR)
The TGR registers are 16-bit readable/writable registers. The MTU2 has 21 TGR registers, six for
channel 0, two each for channels 1 and 2, four each for channels 3 and 4, and three for channel 5.
TGRA, TGRB, TGRC, and TGRD function as either output compare or input capture registers.
TGRC and TGRD for channels 0, 3, and 4 can also be designated for operation as buffer registers.
TGR buffer register combinations are TGRA and TGRC, and TGRB and TGRD.
TGRE_0 and TGRF_0 function as compare registers. When the TCNT_0 count matches the
TGRE_0 value, an A/D converter start request can be issued. TGRF can also be designated for
operation as a buffer register. TGR buffer register combination is TGRE and TGRF.
TGRU_5, TGRV_5, and TGRW_5 function as compare match, input capture, or external pulse
width measurement registers.
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1111111111111111
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Note: The TGR registers must not be accessed in eight bits; they should always be accessed in 16 bits.
TGR registers are initialized to H'FFFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com