Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 462 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 462 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 458Page - Renesas Technology Corp SH7261 Datasheet HTML 459Page - Renesas Technology Corp SH7261 Datasheet HTML 460Page - Renesas Technology Corp SH7261 Datasheet HTML 461Page - Renesas Technology Corp SH7261 Datasheet HTML 462Page - Renesas Technology Corp SH7261 Datasheet HTML 463Page - Renesas Technology Corp SH7261 Datasheet HTML 464Page - Renesas Technology Corp SH7261 Datasheet HTML 465Page - Renesas Technology Corp SH7261 Datasheet HTML 466Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 462 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 430 of 1312
REJ09B0320-0200
Table 12.29 Setting of Transfer Timing by BF1 and BF0 Bits
Bit 7
Bit 6
BF1
BF0
Description
0
0
Does not transfer data from the cycle set buffer register to the cycle
set register.
0
1
Transfers data from the cycle set buffer register to the cycle set
register at the crest of the TCNT_4 count.*
1
1
0
Transfers data from the cycle set buffer register to the cycle set
register at the trough of the TCNT_4 count.*
2
1
1
Transfers data from the cycle set buffer register to the cycle set
register at the crest and trough of the TCNT_4 count.*
2
Notes: 1. Data is transferred from the cycle set buffer register to the cycle set register when the
crest of the TCNT_4 count is reached in complementary PWM mode, when compare
match occurs between TCNT_3 and TGRA_3 in reset-synchronized PWM mode, or
when compare match occurs between TCNT_4 and TGRA_4 in PWM mode 1 or
normal operation mode.
2. These settings are prohibited when complementary PWM mode is not selected.
12.3.10
Timer A/D Converter Start Request Cycle Set Registers (TADCORA_4 and
TADCORB_4)
TADCORA_4 and TADCORB_4 are 16-bit readable/writable registers. When the TCNT_4 count
reaches the value in TADCORA_4 or TADCORB_4, a corresponding A/D converter start request
will be issued.
TADCORA_4 and TADCORB_4 are initialized to H'FFFF.
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1111111111111111
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Note: TADCORA_4 and TADCORB_4 must not be accessed in eight bits; they should always be accessed in 16 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com