| Electronic Components Datasheet Search |
|
SH7261 Datasheet(PDF) 466 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7261 Datasheet(HTML) 466 Page - Renesas Technology Corp |
|
466 / 1348 page ![]() Section 12 Multi-Function Timer Pulse Unit 2 (MTU2) Rev. 2.00 Sep. 07, 2007 Page 434 of 1312 REJ09B0320-0200 Bit Bit Name Initial Value R/W Description 2 CST2 0 R/W 1 CST1 0 R/W 0 CST0 0 R/W Counter Start 2 to 0 These bits select operation or stoppage for TCNT. If 0 is written to the CST bit during operation with the TIOC pin designated for output, the counter stops but the TIOC pin output compare output level is retained. If TIOR is written to when the CST bit is cleared to 0, the pin output level will be changed to the set initial output value. 0: TCNT_2 to TCNT_0 count operation is stopped 1: TCNT_2 to TCNT_0 performs count operation • TSTR_5 Bit: Initial value: R/W: 7654321 0 00000000 R R R R R R/W R/W R/W ————— CSTU5 CSTV5 CSTW5 Bit Bit Name Initial Value R/W Description 7 to 3 — All 0 R Reserved These bits are always read as 0. The write value should always be 0. 2 CSTU5 0 R/W Counter Start U5 Selects operation or stoppage for TCNTU_5. 0: TCNTU_5 count operation is stopped 1: TCNTU_5 performs count operation 1 CSTV5 0 R/W Counter Start V5 Selects operation or stoppage for TCNTV_5. 0: TCNTV_5 count operation is stopped 1: TCNTV_5 performs count operation 0 CSTW5 0 R/W Counter Start W5 Selects operation or stoppage for TCNTW_5. 0: TCNTW_5 count operation is stopped 1: TCNTW_5 performs count operation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |