Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 469 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 469 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 465Page - Renesas Technology Corp SH7261 Datasheet HTML 466Page - Renesas Technology Corp SH7261 Datasheet HTML 467Page - Renesas Technology Corp SH7261 Datasheet HTML 468Page - Renesas Technology Corp SH7261 Datasheet HTML 469Page - Renesas Technology Corp SH7261 Datasheet HTML 470Page - Renesas Technology Corp SH7261 Datasheet HTML 471Page - Renesas Technology Corp SH7261 Datasheet HTML 472Page - Renesas Technology Corp SH7261 Datasheet HTML 473Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 469 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 437 of 1312
REJ09B0320-0200
12.3.16
Timer Counter Synchronous Start Register (TCSYSTR)
TCSYSTR is an 8-bit readable/writable register that specifies synchronous start of the MTU2
counters.
Bit:
Initial value:
R/W:
7654321
0
00000000
R/(W)*R/(W)*R/(W)*R/(W)*R/(W)*
RRR
Note:
Only 1 can be written to set the register.
*
SCH0 SCH1 SCH2 SCH3 SCH4
—
—
—
Bit
Bit Name
Initial
Value
R/W
Description
7
SCH0
0
R/(W)* Synchronous Start
Controls synchronous start of TCNT_0 in the MTU2.
0: Does not specify synchronous start for TCNT_0 in
the MTU2
1: Specifies synchronous start for TCNT_0 in the MTU2
[Clearing condition]
• When 1 is set to the CST0 bit of TSTR in MTU2
while SCH0 = 1
6
SCH1
0
R/(W)* Synchronous Start
Controls synchronous start of TCNT_1 in the MTU2.
0: Does not specify synchronous start for TCNT_1 in
the MTU2
1: Specifies synchronous start for TCNT_1 in the MTU2
[Clearing condition]
• When 1 is set to the CST1 bit of TSTR in MTU2
while SCH1 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com