Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 467 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 467 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 463Page - Renesas Technology Corp SH7261 Datasheet HTML 464Page - Renesas Technology Corp SH7261 Datasheet HTML 465Page - Renesas Technology Corp SH7261 Datasheet HTML 466Page - Renesas Technology Corp SH7261 Datasheet HTML 467Page - Renesas Technology Corp SH7261 Datasheet HTML 468Page - Renesas Technology Corp SH7261 Datasheet HTML 469Page - Renesas Technology Corp SH7261 Datasheet HTML 470Page - Renesas Technology Corp SH7261 Datasheet HTML 471Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 467 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 435 of 1312
REJ09B0320-0200
12.3.15
Timer Synchronous Register (TSYR)
TSYR is an 8-bit readable/writable register that selects independent operation or synchronous
operation for the channel 0 to 4 TCNT counters. A channel performs synchronous operation when
the corresponding bit in TSYR is set to 1.
Bit:
Initial value:
R/W:
7654321
0
00000000
R/W
R/W
R
R
R
R/W
R/W
R/W
SYNC4 SYNC3
———
SYNC2 SYNC1 SYNC0
Bit
Bit Name
Initial
Value
R/W
Description
7
SYNC4
0
R/W
6
SYNC3
0
R/W
Timer Synchronous operation 4 and 3
These bits are used to select whether operation is
independent of or synchronized with other channels.
When synchronous operation is selected, the TCNT
synchronous presetting of multiple channels, and
synchronous clearing by counter clearing on another
channel, are possible.
To set synchronous operation, the SYNC bits for at
least two channels must be set to 1. To set
synchronous clearing, in addition to the SYNC bit, the
TCNT clearing source must also be set by means of
bits CCLR0 to CCLR2 in TCR.
0: TCNT_4 and TCNT_3 operate independently (TCNT
presetting/clearing is unrelated to other channels)
1: TCNT_4 and TCNT_3 performs synchronous
operation
TCNT synchronous presetting/synchronous clearing
is possible
5 to 3
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com