Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 465 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 465 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 461Page - Renesas Technology Corp SH7261 Datasheet HTML 462Page - Renesas Technology Corp SH7261 Datasheet HTML 463Page - Renesas Technology Corp SH7261 Datasheet HTML 464Page - Renesas Technology Corp SH7261 Datasheet HTML 465Page - Renesas Technology Corp SH7261 Datasheet HTML 466Page - Renesas Technology Corp SH7261 Datasheet HTML 467Page - Renesas Technology Corp SH7261 Datasheet HTML 468Page - Renesas Technology Corp SH7261 Datasheet HTML 469Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 465 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 433 of 1312
REJ09B0320-0200
12.3.14
Timer Start Register (TSTR)
TSTR is an 8-bit readable/writable register that selects operation/stoppage of TCNT for channels 0
to 4.
TSTR_5 is an 8-bit readable/writable register that selects operation/stoppage of TCNTU_5,
TCNTV_5, and TCNTW_5 for channel 5.
When setting the operating mode in TMDR or setting the count clock in TCR, first stop the TCNT
counter.
• TSTR
Bit:
Initial value:
R/W:
7654321
0
00000000
R/W
R/W
R
R
R
R/W
R/W
R/W
CST4 CST3
—
—
—
CST2 CST1 CST0
Bit
Bit Name
Initial
Value
R/W
Description
7
CST4
0
R/W
6
CST3
0
R/W
Counter Start 4 and 3
These bits select operation or stoppage for TCNT.
If 0 is written to the CST bit during operation with the
TIOC pin designated for output, the counter stops but
the TIOC pin output compare output level is retained. If
TIOR is written to when the CST bit is cleared to 0, the
pin output level will be changed to the set initial output
value.
0: TCNT_4 and TCNT_3 count operation is stopped
1: TCNT_4 and TCNT_3 performs count operation
5 to 3
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com