Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 472 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 472 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 468Page - Renesas Technology Corp SH7261 Datasheet HTML 469Page - Renesas Technology Corp SH7261 Datasheet HTML 470Page - Renesas Technology Corp SH7261 Datasheet HTML 471Page - Renesas Technology Corp SH7261 Datasheet HTML 472Page - Renesas Technology Corp SH7261 Datasheet HTML 473Page - Renesas Technology Corp SH7261 Datasheet HTML 474Page - Renesas Technology Corp SH7261 Datasheet HTML 475Page - Renesas Technology Corp SH7261 Datasheet HTML 476Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 472 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 440 of 1312
REJ09B0320-0200
12.3.18
Timer Output Master Enable Register (TOER)
TOER is an 8-bit readable/writable register that enables/disables output settings for output pins
TIOC4D, TIOC4C, TIOC3D, TIOC4B, TIOC4A, and TIOC3B. These pins do not output correctly
if the TOER bits have not been set. Set TOER of channel 3 and channel 4 prior to setting TIOR of
channel 3 and channel 4.
Bit:
Initial value:
R/W:
7654321
0
11000000
R
R
R/W
R/W
R/W
R/W
R/W
R/W
—
—
OE4D OE4C OE3D OE4B OE4A OE3B
Bit
Bit Name
Initial
Value
R/W
Description
7, 6
—
All 1
R
Reserved
These bits are always read as 1. The write value should
always be 1.
5
OE4D
0
R/W
Master Enable TIOC4D
This bit enables/disables the TIOC4D pin MTU2 output.
0: MTU2 output is disabled (inactive level)*
1: MTU2 output is enabled
4
OE4C
0
R/W
Master Enable TIOC4C
This bit enables/disables the TIOC4C pin MTU2 output.
0: MTU2 output is disabled (inactive level)*
1: MTU2 output is enabled
3
OE3D
0
R/W
Master Enable TIOC3D
This bit enables/disables the TIOC3D pin MTU2 output.
0: MTU2 output is disabled (inactive level)*
1: MTU2 output is enabled
2
OE4B
0
R/W
Master Enable TIOC4B
This bit enables/disables the TIOC4B pin MTU2 output.
0: MTU2 output is disabled (inactive level)*
1: MTU2 output is enabled
1
OE4A
0
R/W
Master Enable TIOC4A
This bit enables/disables the TIOC4A pin MTU2 output.
0: MTU2 output is disabled (inactive level)*
1: MTU2 output is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com