Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 476 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 476 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 472Page - Renesas Technology Corp SH7261 Datasheet HTML 473Page - Renesas Technology Corp SH7261 Datasheet HTML 474Page - Renesas Technology Corp SH7261 Datasheet HTML 475Page - Renesas Technology Corp SH7261 Datasheet HTML 476Page - Renesas Technology Corp SH7261 Datasheet HTML 477Page - Renesas Technology Corp SH7261 Datasheet HTML 478Page - Renesas Technology Corp SH7261 Datasheet HTML 479Page - Renesas Technology Corp SH7261 Datasheet HTML 480Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 476 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 444 of 1312
REJ09B0320-0200
12.3.20
Timer Output Control Register 2 (TOCR2)
TOCR2 is an 8-bit readable/writable register that controls output level inversion of PWM output
in complementary PWM mode and reset-synchronized PWM mode.
Bit:
Initial value:
R/W:
7654321
0
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BF[1:0]
OLS3N OLS3P OLS2N OLS2P OLS1N OLS1P
Bit
Bit Name
Initial
value
R/W
Description
7, 6
BF[1:0]
00
R/W
TOLBR Buffer Transfer Timing Select
These bits select the timing for transferring data from
TOLBR to TOCR2.
For details, see table 12.32.
5
OLS3N
0
R/W
Output Level Select 3N*
This bit selects the output level on TIOC4D in reset-
synchronized PWM mode/complementary PWM mode.
See table 12.33.
4
OLS3P
0
R/W
Output Level Select 3P*
This bit selects the output level on TIOC4B in reset-
synchronized PWM mode/complementary PWM mode.
See table 12.34.
3
OLS2N
0
R/W
Output Level Select 2N*
This bit selects the output level on TIOC4C in reset-
synchronized PWM mode/complementary PWM mode.
See table 12.35.
2
OLS2P
0
R/W
Output Level Select 2P*
This bit selects the output level on TIOC4A in reset-
synchronized PWM mode/complementary PWM mode.
See table 12.36.
1
OLS1N
0
R/W
Output Level Select 1N*
This bit selects the output level on TIOC3D in reset-
synchronized PWM mode/complementary PWM mode.
See table 12.37.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com