Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 479 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 479 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 475Page - Renesas Technology Corp SH7261 Datasheet HTML 476Page - Renesas Technology Corp SH7261 Datasheet HTML 477Page - Renesas Technology Corp SH7261 Datasheet HTML 478Page - Renesas Technology Corp SH7261 Datasheet HTML 479Page - Renesas Technology Corp SH7261 Datasheet HTML 480Page - Renesas Technology Corp SH7261 Datasheet HTML 481Page - Renesas Technology Corp SH7261 Datasheet HTML 482Page - Renesas Technology Corp SH7261 Datasheet HTML 483Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 479 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 447 of 1312
REJ09B0320-0200
Table 12.38 TIOC3B Output Level Select Function
Bit 0
Function
Compare Match Output
OLS1P
Initial Output
Active Level
Up Count
Down Count
0
High level
Low level
Low level
High level
1
Low level
High level
High level
Low level
12.3.21
Timer Output Level Buffer Register (TOLBR)
TOLBR is an 8-bit readable/writable register that functions as a buffer for TOCR2 and specifies
the PWM output level in complementary PWM mode and reset-synchronized PWM mode.
Bit:
Initial value:
R/W:
7654321
0
00000000
R
R
R/W
R/W
R/W
R/W
R/W
R/W
——
OLS3N OLS3P OLS2N OLS2P OLS1N OLS1P
Bit
Bit Name
Initial
value
R/W
Description
7, 6
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
5
OLS3N
0
R/W
Specifies the buffer value to be transferred to the
OLS3N bit in TOCR2.
4
OLS3P
0
R/W
Specifies the buffer value to be transferred to the
OLS3P bit in TOCR2.
3
OLS2N
0
R/W
Specifies the buffer value to be transferred to the
OLS2N bit in TOCR2.
2
OLS2P
0
R/W
Specifies the buffer value to be transferred to the
OLS2P bit in TOCR2.
1
OLS1N
0
R/W
Specifies the buffer value to be transferred to the
OLS1N bit in TOCR2.
0
OLS1P
0
R/W
Specifies the buffer value to be transferred to the
OLS1P bit in TOCR2.
Figure 12.3 shows an example of the PWM output level setting procedure in buffer operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com