| Electronic Components Datasheet Search |
|
SH7261 Datasheet(PDF) 483 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7261 Datasheet(HTML) 483 Page - Renesas Technology Corp |
|
483 / 1348 page ![]() Section 12 Multi-Function Timer Pulse Unit 2 (MTU2) Rev. 2.00 Sep. 07, 2007 Page 451 of 1312 REJ09B0320-0200 12.3.24 Timer Dead Time Data Register (TDDR) TDDR is a 16-bit register, used only in complementary PWM mode that specifies the TCNT_3 and TCNT_4 counter offset values. In complementary PWM mode, when the TCNT_3 and TCNT_4 counters are cleared and then restarted, the TDDR register value is loaded into the TCNT_3 counter and the count operation starts. The initial value of TDDR is H'FFFF. Bit: Initial value: R/W: 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 1111111111111111 R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W Note: Accessing the TDDR in 8-bit units is prohibited. Always access in 16-bit units. 12.3.25 Timer Cycle Data Register (TCDR) TCDR is a 16-bit register used only in complementary PWM mode. Set half the PWM carrier sync value as the TCDR register value. This register is constantly compared with the TCNTS counter in complementary PWM mode, and when a match occurs, the TCNTS counter switches direction (decrement to increment). The initial value of TCDR is H'FFFF. Bit: Initial value: R/W: 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 1111111111111111 R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W Note: Accessing the TCDR in 8-bit units is prohibited. Always access in 16-bit units. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |