Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 481 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 481 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 477Page - Renesas Technology Corp SH7261 Datasheet HTML 478Page - Renesas Technology Corp SH7261 Datasheet HTML 479Page - Renesas Technology Corp SH7261 Datasheet HTML 480Page - Renesas Technology Corp SH7261 Datasheet HTML 481Page - Renesas Technology Corp SH7261 Datasheet HTML 482Page - Renesas Technology Corp SH7261 Datasheet HTML 483Page - Renesas Technology Corp SH7261 Datasheet HTML 484Page - Renesas Technology Corp SH7261 Datasheet HTML 485Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 481 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 449 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
value
R/W
Description
5
N
0
R/W
Reverse Phase Output (N) Control
This bit selects whether the level output or the reset-
synchronized PWM/complementary PWM output while
the reverse pins (TIOC3D, TIOC4C, and TIOC4D) are
output.
0: Level output
1: Reset synchronized PWM/complementary PWM
output
4
P
0
R/W
Positive Phase Output (P) Control
This bit selects whether the level output or the reset-
synchronized PWM/complementary PWM output while
the positive pin (TIOC3B, TIOC4A, and TIOC4B) are
output.
0: Level output
1: Reset synchronized PWM/complementary PWM
output
3
FB
0
R/W
External Feedback Signal Enable
This bit selects whether the switching of the output of
the positive/reverse phase is carried out automatically
with the MTU2/channel 0 TGRA, TGRB, TGRC input
capture signals or by writing 0 or 1 to bits 2 to 0 in
TGCR.
0: Output switching is external input (Input sources are
channel 0 TGRA, TGRB, TGRC input capture signal)
1: Output switching is carried out by software (TGCR's
UF, VF, WF settings).
2
WF
0
R/W
1
VF
0
R/W
0
UF
0
R/W
Output Phase Switch 2 to 0
These bits set the positive phase/negative phase output
phase on or off state. The setting of these bits is valid
only when the FB bit in this register is set to 1. In this
case, the setting of bits 2 to 0 is a substitute for external
input. See table 12.39.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com