Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 459 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 459 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 455Page - Renesas Technology Corp SH7261 Datasheet HTML 456Page - Renesas Technology Corp SH7261 Datasheet HTML 457Page - Renesas Technology Corp SH7261 Datasheet HTML 458Page - Renesas Technology Corp SH7261 Datasheet HTML 459Page - Renesas Technology Corp SH7261 Datasheet HTML 460Page - Renesas Technology Corp SH7261 Datasheet HTML 461Page - Renesas Technology Corp SH7261 Datasheet HTML 462Page - Renesas Technology Corp SH7261 Datasheet HTML 463Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 459 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 427 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
2
I2AE
0
R/W
Input Capture Enable
Specifies whether to include the TIOC2A pin in the
TGRA_1 input capture conditions.
0: Does not include the TIOC2A pin in the TGRA_1
input capture conditions
1: Includes the TIOC2A pin in the TGRA_1 input
capture conditions
1
I1BE
0
R/W
Input Capture Enable
Specifies whether to include the TIOC1B pin in the
TGRB_2 input capture conditions.
0: Does not include the TIOC1B pin in the TGRB_2
input capture conditions
1: Includes the TIOC1B pin in the TGRB_2 input
capture conditions
0
I1AE
0
R/W
Input Capture Enable
Specifies whether to include the TIOC1A pin in the
TGRA_2 input capture conditions.
0: Does not include the TIOC1A pin in the TGRA_2
input capture conditions
1: Includes the TIOC1A pin in the TGRA_2 input
capture conditions
12.3.9
Timer A/D Converter Start Request Control Register (TADCR)
TADCR is a 16-bit readable/writable register that enables or disables A/D converter start requests
and specifies whether to link A/D converter start requests with interrupt skipping operation. The
MTU2 has one TADCR in channel 4.
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
000000000
0*
00*
0*
0*
0*
0*
R/W
R/W
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Note:
Do not set to 1 when complementary PWM mode is not selected.
*
BF[1:0]
—
—
—
—
—
—
UT4AE DT4AE UT4BE DT4BE ITA3AE ITA4VE ITB3AE ITB4VE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com