Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 457 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 457 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 453Page - Renesas Technology Corp SH7261 Datasheet HTML 454Page - Renesas Technology Corp SH7261 Datasheet HTML 455Page - Renesas Technology Corp SH7261 Datasheet HTML 456Page - Renesas Technology Corp SH7261 Datasheet HTML 457Page - Renesas Technology Corp SH7261 Datasheet HTML 458Page - Renesas Technology Corp SH7261 Datasheet HTML 459Page - Renesas Technology Corp SH7261 Datasheet HTML 460Page - Renesas Technology Corp SH7261 Datasheet HTML 461Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 425 of 1312
REJ09B0320-0200
12.3.7
Timer Buffer Operation Transfer Mode Register (TBTM)
TBTM is an 8-bit readable/writable register that specifies the timing for transferring data from the
buffer register to the timer general register in PWM mode. The MTU2 has three TBTM registers,
one each for channels 0, 3, and 4.
Bit:
Initial value:
R/W:
7654321
0
00000000
R
R
R
R
R
R/W
R/W
R/W
—
—
—
—
—
TTSE TTSB TTSA
Bit
Bit Name
Initial
Value
R/W
Description
7 to 3
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
2
TTSE
0
R/W
Timing Select E
Specifies the timing for transferring data from TGRF_0
to TGRE_0 when they are used together for buffer
operation.
For channels 3 and 4, bit 2 is reserved. It is always read
as 0 and the write value should always be 0.
Do not set this bit to 1 when channel 0 is to be used in
a mode other than PWM mode.
0: When compare match E occurs in channel 0
1: When TCNT_0 is cleared
1
TTSB
0
R/W
Timing Select B
Specifies the timing for transferring data from TGRD to
TGRB in each channel when they are used together for
buffer operation.
Do not set this bit to 1 when the channel is to be used
in a mode other than PWM mode.
0: When compare match B occurs in each channel
1: When TCNT is cleared in each channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com