Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 455 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 455 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 451Page - Renesas Technology Corp SH7261 Datasheet HTML 452Page - Renesas Technology Corp SH7261 Datasheet HTML 453Page - Renesas Technology Corp SH7261 Datasheet HTML 454Page - Renesas Technology Corp SH7261 Datasheet HTML 455Page - Renesas Technology Corp SH7261 Datasheet HTML 456Page - Renesas Technology Corp SH7261 Datasheet HTML 457Page - Renesas Technology Corp SH7261 Datasheet HTML 458Page - Renesas Technology Corp SH7261 Datasheet HTML 459Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 423 of 1312
REJ09B0320-0200
• TSR_5
Bit:
Initial value:
R/W:
7654321
0
00000000
R
R
R
R
R
R/(W)*1R/(W)*1R/(W)*1
Note:
Writing 0 to this bit after reading it as 1 clears the flag and is the only allowed way.
1.
—————
CMF
U5
CMF
V5
CMF
W5
Bit
Bit Name
Initial
Value
R/W
Description
7 to 3
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
2
CMFU5
0
R/(W)*
1
Compare Match/Input Capture Flag U5
Status flag that indicates the occurrence of TGRU_5
input capture or compare match.
[Setting conditions]
• When TCNTU_5 = TGRU_5 and TGRU_5 is
functioning as output compare register
• When TCNTU_5 value is transferred to TGRU_5 by
input capture signal while TGRU_5 is functioning as
input capture register
• When TCNTU_5 value is transferred to TGRU_5
while TGRU_5 is functioning as a register for
measuring the pulse width of the external input
signal*
2.
[Clearing condition]
• When 0 is written to CMFU5 after reading CMFU5 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com