Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 454 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 454 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 450Page - Renesas Technology Corp SH7261 Datasheet HTML 451Page - Renesas Technology Corp SH7261 Datasheet HTML 452Page - Renesas Technology Corp SH7261 Datasheet HTML 453Page - Renesas Technology Corp SH7261 Datasheet HTML 454Page - Renesas Technology Corp SH7261 Datasheet HTML 455Page - Renesas Technology Corp SH7261 Datasheet HTML 456Page - Renesas Technology Corp SH7261 Datasheet HTML 457Page - Renesas Technology Corp SH7261 Datasheet HTML 458Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 422 of 1312
REJ09B0320-0200
• TSR2_0
Bit:
Initial value:
R/W:
7654321
0
11000000
RRRRRR
Note:
Writing 0 to this bit after reading it as 1 clears the flag and is the only allowed way.
1.
——————
TGFF TGFE
R/(W)* R/(W)*
11
Bit
Bit Name
Initial
Value
R/W
Description
7, 6
—
All 1
R
Reserved
These bits are always read as 1. The write value
should always be 1.
5 to 2
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
1
TGFF
0
R/(W)*
1
Compare Match Flag F
Status flag that indicates the occurrence of compare
match between TCNT_0 and TGRF_0.
[Setting condition]
• When TCNT_0 = TGRF_0 and TGRF_0 is
functioning as compare register
[Clearing condition]
• When 0 is written to TGFF after reading
TGFF = 1*
2
0
TGFE
0
R/(W)*
1
Compare Match Flag E
Status flag that indicates the occurrence of compare
match between TCNT_0 and TGRE_0.
[Setting condition]
• When TCNT_0 = TGRE_0 and TGRE_0 is
functioning as compare register
[Clearing condition]
• When 0 is written to TGFE after reading
TGFE = 1*
2
Notes: 1. Writing 0 to this bit after reading it as 1 clears the flag and is the only allowed way.
2. When writing to the timer status register (TSR), write 0 to the bit to be cleared after
reading 1. Write 1 to other bits. But 1 is not actually written and the previous value is
held.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com