Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 662 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 662 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 658Page - Renesas Technology Corp SH7261 Datasheet HTML 659Page - Renesas Technology Corp SH7261 Datasheet HTML 660Page - Renesas Technology Corp SH7261 Datasheet HTML 661Page - Renesas Technology Corp SH7261 Datasheet HTML 662Page - Renesas Technology Corp SH7261 Datasheet HTML 663Page - Renesas Technology Corp SH7261 Datasheet HTML 664Page - Renesas Technology Corp SH7261 Datasheet HTML 665Page - Renesas Technology Corp SH7261 Datasheet HTML 666Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 662 / 1348 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 2.00 Sep. 07, 2007 Page 630 of 1312
REJ09B0320-0200
14.3.3
Watchdog Reset Control/Status Register (WRCSR)
WRCSR is an 8-bit readable/writable register that controls output of the internal reset signal
generated by watchdog timer counter (WTCNT) overflow.
WRCSR is initialized to H'1F by input of a reset signal from the
RES pin or in deep standby
mode, but is not initialized by the internal reset signal generated by overflow of the WDT.
WRCSR is initialized to H'1F in software standby mode.
Note:
The method for writing to WRCSR differs from that for other registers to prevent
erroneous writes. See section 14.3.4, Notes on Register Access, for details.
0
1
2
3
4
5
6
7
—
—
—
—
—
RSTS
RSTE
WOVF
11111
0
0
0
R
R
R
R
R
R/W
R/W
R/(W)
Bit:
Initial value:
R/W:
Bit
Bit Name
Initial
Value
R/W
Description
7
WOVF
0
R/(W)
Watchdog Timer Overflow
Indicates that the WTCNT has overflowed in
watchdog timer mode. This bit is not set in interval
timer mode.
0: No overflow
1: WTCNT has overflowed in watchdog timer mode
[Clearing condition]
• When 0 is written to WOVF after reading WOVF
6
RSTE
0
R/W
Reset Enable
Selects whether to generate a signal to reset the LSI
internally if WTCNT overflows in watchdog timer
mode. In interval timer mode, this setting is ignored.
0: Not reset when WTCNT overflows*
1: Reset when WTCNT overflows
Note: *
LSI not reset internally, but WTCNT and
WTCSR reset within WDT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com