Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 664 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 664 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 660Page - Renesas Technology Corp SH7261 Datasheet HTML 661Page - Renesas Technology Corp SH7261 Datasheet HTML 662Page - Renesas Technology Corp SH7261 Datasheet HTML 663Page - Renesas Technology Corp SH7261 Datasheet HTML 664Page - Renesas Technology Corp SH7261 Datasheet HTML 665Page - Renesas Technology Corp SH7261 Datasheet HTML 666Page - Renesas Technology Corp SH7261 Datasheet HTML 667Page - Renesas Technology Corp SH7261 Datasheet HTML 668Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 664 / 1348 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 2.00 Sep. 07, 2007 Page 632 of 1312
REJ09B0320-0200
(2)
Writing to WRCSR
WRCSR must be written by a word access to address H'FFFE0004. It cannot be written by byte
transfer or longword transfer instructions.
Procedures for writing 0 to WOVF (bit 7) and for writing to RSTE (bit 6) and RSTS (bit 5) are
different, as shown in figure 14.3.
To write 0 to the WOVF bit, the write data must be H'A5 in the upper byte and H'00 in the lower
byte. This clears the WOVF bit to 0. The RSTE and RSTS bits are not affected. To write to the
RSTE and RSTS bits, the upper byte must be H'5A and the lower byte must be the write data. The
values of bits 6 and 5 of the lower byte are transferred to the RSTE and RSTS bits, respectively.
The WOVF bit is not affected.
Address: H'FFFE0004
Address: H'FFFE0004
H'A5
H'00
15
8
7
0
H'5A
15
8
7
0
Writing 0 to the WOVF bit
Writing to the RSTE and RSTS bits
Write data
Figure 14.3 Writing to WRCSR
(3)
Reading from WTCNT, WTCSR, and WRCSR
WTCNT, WTCSR, and WRCSR are read in a method similar to other registers. WTCSR is
allocated to address H'FFFE0000, WTCNT to address H'FFFE0002, and WRCSR to address
H'FFFE0004. Byte transfer instructions must be used for reading from these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com