Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 661 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 661 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 657Page - Renesas Technology Corp SH7261 Datasheet HTML 658Page - Renesas Technology Corp SH7261 Datasheet HTML 659Page - Renesas Technology Corp SH7261 Datasheet HTML 660Page - Renesas Technology Corp SH7261 Datasheet HTML 661Page - Renesas Technology Corp SH7261 Datasheet HTML 662Page - Renesas Technology Corp SH7261 Datasheet HTML 663Page - Renesas Technology Corp SH7261 Datasheet HTML 664Page - Renesas Technology Corp SH7261 Datasheet HTML 665Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 661 / 1348 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 2.00 Sep. 07, 2007 Page 629 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
5
TME
0
R/W
Timer Enable
Starts and stops timer operation. Clear this bit to 0
when using the WDT in software standby mode or
when changing the clock frequency.
0: Timer disabled
Count-up stops and WTCNT value is retained
1: Timer enabled
4, 3
All 1
R
Reserved
These bits are always read as 1. The write value
should always be 1.
Clock Select
These bits select the clock to be used for the WTCNT
count from the eight types obtainable by dividing the
peripheral clock (P
φ). The overflow period that is
shown inside the parenthesis in the table is the value
when the peripheral clock (P
φ) is 25 MHz.
Bits 2 to 0
Clock Ratio
Overflow Cycle
000:
1
× Pφ
10.2
µs
001:
1/64
× Pφ
655.4
µs
010:
1/128
× Pφ
1.3 ms
011:
1/256
× Pφ
2.6 ms
100:
1/512
× Pφ
5.2 ms
101:
1/1024
× Pφ
10.5 ms
110:
1/4096
× Pφ
41.9 ms
111:
1/16384
× Pφ
167.8 ms
2 to 0
CKS[2:0]
000
R/W
Note: If bits CKS[2:0] are modified when the WDT is
running, the up-count may not be performed
correctly. Ensure that these bits are modified
only when the WDT is not running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com