Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 657 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 657 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 653Page - Renesas Technology Corp SH7261 Datasheet HTML 654Page - Renesas Technology Corp SH7261 Datasheet HTML 655Page - Renesas Technology Corp SH7261 Datasheet HTML 656Page - Renesas Technology Corp SH7261 Datasheet HTML 657Page - Renesas Technology Corp SH7261 Datasheet HTML 658Page - Renesas Technology Corp SH7261 Datasheet HTML 659Page - Renesas Technology Corp SH7261 Datasheet HTML 660Page - Renesas Technology Corp SH7261 Datasheet HTML 661Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 657 / 1348 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 2.00 Sep. 07, 2007 Page 625 of 1312
REJ09B0320-0200
Section 14 Watchdog Timer (WDT)
This LSI includes the watchdog timer (WDT), which externally outputs an overflow signal
(
WDTOVF) on overflow of the counter when the value of the counter has not been updated
because of a system malfunction. The WDT can simultaneously generate an internal reset signal
for the entire LSI.
The WDT is a single channel timer that counts up the clock oscillation settling period when the
system leaves software standby mode or the temporary standby periods that occur when the clock
frequency is changed. It can also be used as a general watchdog timer or interval timer.
14.1
Features
• Can be used to ensure the clock oscillation settling time
The WDT is used in leaving software standby mode or the temporary standby periods that
occur when the clock frequency is changed.
• Can switch between watchdog timer mode and interval timer mode.
• Outputs WDTOVF signal in watchdog timer mode
When the counter overflows in watchdog timer mode, the
WDTOVF signal is output
externally. It is possible to select whether to reset the LSI internally when this happens. Either
the power-on reset or manual reset signal can be selected as the internal reset type.
• Interrupt generation in interval timer mode
An interval timer interrupt is generated when the counter overflows.
• Choice of eight counter input clocks
Eight clocks (P
φ × 1 to Pφ × 1/16384) that are obtained by dividing the peripheral clock can be
selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com