Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 656 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 656 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 652Page - Renesas Technology Corp SH7261 Datasheet HTML 653Page - Renesas Technology Corp SH7261 Datasheet HTML 654Page - Renesas Technology Corp SH7261 Datasheet HTML 655Page - Renesas Technology Corp SH7261 Datasheet HTML 656Page - Renesas Technology Corp SH7261 Datasheet HTML 657Page - Renesas Technology Corp SH7261 Datasheet HTML 658Page - Renesas Technology Corp SH7261 Datasheet HTML 659Page - Renesas Technology Corp SH7261 Datasheet HTML 660Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 656 / 1348 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 2.00 Sep. 07, 2007 Page 624 of 1312
REJ09B0320-0200
No.
Timing to Change CKS1
and CKS0 Bits
TCNT Clock Operation
4
Switching from high to high
Clock before
switchover
Clock after
switchover
TCNT input
clock
TCNT
CKS bits changed
N
N + 1
N + 2
Notes: 1. Includes switching from low to stop, and from stop to low.
2. Includes switching from stop to high.
3. Includes switching from high to stop.
4. Generated because the change of the signal levels is considered as a falling edge;
TCNT is incremented.
13.8.7
Mode Setting with Cascaded Connection
If 16-bit counter mode and compare match count mode are specified at the same time, input clocks
for TCNT_0 and TCNT_1 are not generated, and the counter stops. Do not specify 16-bit counter
mode and compare match count mode simultaneously.
13.8.8
Module Standby Setting
Operation of the TMR can be disabled or enabled using the standby control register. The initial
setting is for operation of the TMR to be halted. Register access is enabled by clearing module
standby mode. For details, see section 27, Power-Down Modes.
13.8.9
Interrupts in Module Standby Mode
If module standby mode is entered when an interrupt has been requested, it will not be possible to
clear the CPU interrupt source. Interrupts should therefore be disabled before entering module
standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com