Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 652 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 652 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 648Page - Renesas Technology Corp SH7261 Datasheet HTML 649Page - Renesas Technology Corp SH7261 Datasheet HTML 650Page - Renesas Technology Corp SH7261 Datasheet HTML 651Page - Renesas Technology Corp SH7261 Datasheet HTML 652Page - Renesas Technology Corp SH7261 Datasheet HTML 653Page - Renesas Technology Corp SH7261 Datasheet HTML 654Page - Renesas Technology Corp SH7261 Datasheet HTML 655Page - Renesas Technology Corp SH7261 Datasheet HTML 656Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 652 / 1348 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 2.00 Sep. 07, 2007 Page 620 of 1312
REJ09B0320-0200
13.7.2
A/D Converter Activation
The A/D converter can be activated only by TMR_0 compare match A.
If the ADTE bit in TCSR_0 is set to 1 when the CMFA flag in TCSR_0 is set to 1 by the
occurrence of TMR_0 compare match A, a request to start A/D conversion is sent to the A/D
converter. If the 8-bit timer conversion start trigger has been selected on the A/D converter side at
this time, A/D conversion is started.
13.8
Usage Notes
13.8.1
Notes on Setting Cycle
If the compare match is selected for counter clear, TCNT is cleared at the last state in the cycle in
which the values of TCNT and TCOR match. TCNT updates the counter value at this last state.
Therefore, the counter frequency is obtained by the following formula.
f = P
φ/(N + 1)
f:
Counter frequency
P
φ:Operating frequency
N: TCOR value
13.8.2
Conflict between TCNT Write and Clear
If a counter clear signal is generated during the T
2 state of a TCNT write cycle, the clear takes
priority and the write is not performed as shown in figure 13.12.
P
φ
Address
TCNT address
Internal write signal
Counter clear signal
TCNT
N
H'00
T
1
T
2
TCNT write cycle by CPU
Figure 13.12 Conflict between TCNT Write and Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com