Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 651 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 651 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 647Page - Renesas Technology Corp SH7261 Datasheet HTML 648Page - Renesas Technology Corp SH7261 Datasheet HTML 649Page - Renesas Technology Corp SH7261 Datasheet HTML 650Page - Renesas Technology Corp SH7261 Datasheet HTML 651Page - Renesas Technology Corp SH7261 Datasheet HTML 652Page - Renesas Technology Corp SH7261 Datasheet HTML 653Page - Renesas Technology Corp SH7261 Datasheet HTML 654Page - Renesas Technology Corp SH7261 Datasheet HTML 655Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 651 / 1348 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 2.00 Sep. 07, 2007 Page 619 of 1312
REJ09B0320-0200
(3)
Pin Output
• Control of output from the TMO0 pin by bits OS3 to OS0 in TCSR_0 is in accordance with the
16-bit compare match conditions.
• Control of output from the TMO1 pin by bits OS3 to OS0 in TCSR_1 is in accordance with the
lower 8-bit compare match conditions.
13.6.2
Compare Match Count Mode
When bits CKS2 to CKS0 in TCR_1 are set to B'100, TCNT_1 counts compare match A for
channel 0. Channels 0 and 1 are controlled independently. Conditions such as setting of the CMF
flag, generation of interrupts, output from the TMO pin, and counter clear are in accordance with
the settings for each channel.
13.7
Interrupt Sources
13.7.1
Interrupt Sources
There are three interrupt sources for the 8-bit timer (TMR_0 or TMR_1): CMIA, CMIB, and OVI.
Their interrupt sources and priorities are shown in table 13.3. Each interrupt source is enabled or
disabled by the corresponding interrupt enable bit in TCR or TCSR, and independent interrupt
requests are sent for each to the interrupt controller.
Table 13.3
8-Bit Timer (TMR_0 or TMR_1) Interrupt Sources
Name
Interrupt Source
Interrupt Flag
Priority
CMIA0
TCORA_0 compare match
CMFA
High
CMIB0
TCORB_0 compare match
CMFB
OVI0
TCNT_0 overflow
OVF
Low
CMIA1
TCORA_1 compare match
CMFA
High
CMIB1
TCORB_1 compare match
CMFB
OVI1
TCNT_1 overflow
OVF
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com